Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS736L2 Datasheet (PDF) - Infineon Technologies AG

BTS736L2 Datasheet PDF - Infineon Technologies AG
Part # BTS736L2
Download  BTS736L2 Download
File Size   383.68 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Smart High-Side Power Switch Two Channels: 2 x 40m??Status Feedback

BTS736L2 Datasheet (PDF)

Go To PDF Page Download Datasheet
BTS736L2 Datasheet PDF - Infineon Technologies AG

Part # BTS736L2
Download  BTS736L2 Click to download

File Size   383.68 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Smart High-Side Power Switch Two Channels: 2 x 40m??Status Feedback

BTS736L2 Datasheet (HTML) - Infineon Technologies AG


BTS736L2 Product details

General Description
• N channel vertical power MOSFET with charge pump, ground referenced CMOS compatible input and diagnostic feedback, monolithically integrated in Smart SIPMOS technology.
• Providing embedded protective functions

Basic Functions
• Very low standby current
• CMOS compatible input
• Fast demagnetization of inductive loads
• Stable behaviour at undervoltage
• Wide operating voltage range
• Logic ground independent from load ground

Protection Functions
• Short circuit protection
• Overload protection
• Current limitation
• Thermal shutdown
• Overvoltage protection (including load dump) with external resistor
• Reverse battery protection with external resistor
• Loss of ground and loss of Vbb protection
• Electrostatic discharge protection (ESD)

Diagnostic Function
• Diagnostic feedback with open drain output
• Open load detection in ON-state
• Feedback of thermal shutdown in ON-state

Applications
• µC compatible high-side power switch with diagnostic feedback for 5V, 12V and 24V grounded loads
• All types of resistive, inductive and capacitve loads
• Most suitable for loads with high inrush currents, so as lamps
• Replaces electromechanical relays, fuses and discrete circuits




Similar Part No. - BTS736L2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS730 SIEMENS-BTS730 Datasheet
49Kb / 7P
PWM Power Unit (The device allows continuous power control for lamps,LEDs or inductive loads.)
logo
Infineon Technologies A...
BTS730 INFINEON-BTS730 Datasheet
135Kb / 7P
PWM Power Unit
2003-Oct-01
BTS730 INFINEON-BTS730 Datasheet
187Kb / 10P
Smart High-Side Power Switch
V1.0, 2007-12-17
BTS730 INFINEON-BTS730_07 Datasheet
187Kb / 10P
Smart High-Side Power Switch
V1.0, 2007-12-17
logo
Siemens Semiconductor G...
BTS733L1 SIEMENS-BTS733L1 Datasheet
173Kb / 14P
Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
More results


Similar Description - BTS736L2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS716G INFINEON-BTS716G Datasheet
402Kb / 14P
Smart High-Side Power Switch Four Channels: 4 x 140m??Status Feedback
2003-Oct-01
BTS723GW INFINEON-BTS723GW Datasheet
330Kb / 15P
Smart High-Side Power Switch Two Channels: 2 x 100m??Status Feedback Suitable for 42V
2003-Oct-01
BTS724G INFINEON-BTS724G Datasheet
402Kb / 14P
Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
BTS728L2 INFINEON-BTS728L2 Datasheet
389Kb / 14P
Smart High-Side Power Switch Two Channels: 2 x 60m??Status Feedback
2003-Oct-01
BTS740S2 INFINEON-BTS740S2 Datasheet
482Kb / 15P
Smart High-Side Power Switch Two Channels: 2 x 30m??Current Sense
2003-Oct-01
BTS824R INFINEON-BTS824R Datasheet
334Kb / 14P
Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
BTS5210G INFINEON-BTS5210G Datasheet
309Kb / 14P
Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
2003-Oct-01
BTS5210L INFINEON-BTS5210L Datasheet
240Kb / 14P
Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
2003-Oct-01
BTS5215L INFINEON-BTS5215L Datasheet
240Kb / 14P
Smart High-Side Power Switch Two Channels: 2 x 90m??Status Feedback
2003-Oct-01
logo
Siemens Semiconductor G...
BTS728L2 SIEMENS-BTS728L2 Datasheet
241Kb / 14P
Smart High-Side Power Switch Two Channels: 2 x 60mW Status Feedback
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com