Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS740S2 Datasheet (PDF) - Infineon Technologies AG

BTS740S2 Datasheet PDF - Infineon Technologies AG
Part # BTS740S2
Download  BTS740S2 Download
File Size   482.17 Kbytes
Page   15 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Smart High-Side Power Switch Two Channels: 2 x 30m??Current Sense

BTS740S2 Datasheet (PDF)

Go To PDF Page Download Datasheet
BTS740S2 Datasheet PDF - Infineon Technologies AG

Part # BTS740S2
Download  BTS740S2 Click to download

File Size   482.17 Kbytes
Page   15 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Smart High-Side Power Switch Two Channels: 2 x 30m??Current Sense

BTS740S2 Datasheet (HTML) - Infineon Technologies AG




Similar Part No. - BTS740S2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS740S2 INFINEON-BTS740S2 Datasheet
289Kb / 17P
Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
Smart High-Side Power Switch
V1.0, 2007-05-13
More results


Similar Description - BTS740S2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS728L2 INFINEON-BTS728L2 Datasheet
389Kb / 14P
Smart High-Side Power Switch Two Channels: 2 x 60m??Status Feedback
2003-Oct-01
BTS736L2 INFINEON-BTS736L2 Datasheet
383Kb / 14P
Smart High-Side Power Switch Two Channels: 2 x 40m??Status Feedback
2003-Oct-01
BTS737S3 INFINEON-BTS737S3 Datasheet
294Kb / 15P
Smart High-Side Power Switch Four Channels: 4 x 35m??Advanced Current Sense
2004-Feb-19
BTS840S2 INFINEON-BTS840S2 Datasheet
338Kb / 15P
Smart High-Side Power Switch Two Channels: 2 x 30m??Current Sense
2003-Oct-01
BTS5210G INFINEON-BTS5210G Datasheet
309Kb / 14P
Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
2003-Oct-01
BTS5210L INFINEON-BTS5210L Datasheet
240Kb / 14P
Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
2003-Oct-01
BTS5215L INFINEON-BTS5215L Datasheet
240Kb / 14P
Smart High-Side Power Switch Two Channels: 2 x 90m??Status Feedback
2003-Oct-01
BTS5234G INFINEON-BTS5234G Datasheet
411Kb / 28P
Smart High-Side Power Switch PROFET TWO CHANNELS, 60MOHM
V1.0, January 2004
BTS5434G INFINEON-BTS5434G Datasheet
427Kb / 28P
Smart High-Side Power Switch PROFET TWO CHANNELS, 60MOHM
V1.0, January 2004
logo
Siemens Semiconductor G...
BTS728L2 SIEMENS-BTS728L2 Datasheet
241Kb / 14P
Smart High-Side Power Switch Two Channels: 2 x 60mW Status Feedback
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com