Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDALC5-1BT2Y Datasheet (PDF) - STMicroelectronics

ESDALC5-1BT2Y Datasheet PDF - STMicroelectronics
Part # ESDALC5-1BT2Y
Download  ESDALC5-1BT2Y Download
File Size   386.87 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive single-line low capacitance Transil™, transient surge voltage suppressor (TVS) for ESD protection

ESDALC5-1BT2Y Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDALC5-1BT2Y Datasheet PDF - STMicroelectronics

Part # ESDALC5-1BT2Y
Download  ESDALC5-1BT2Y Click to download

File Size   386.87 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive single-line low capacitance Transil™, transient surge voltage suppressor (TVS) for ESD protection

ESDALC5-1BT2Y Datasheet (HTML) - STMicroelectronics


ESDALC5-1BT2Y Product details

Description
The ESDALC5-1BT2Y is bidirectional single-line TVS diode designed to protect data lines or other I/O ports against ESD transients.
This device is ideal for applications where both printed circuit board space and power absorption capability are required.

Features
• Single-line bidirectional protection
• Breakdown voltage = 5.8 V min.
• Low capacitance = 26 pF at 0 V
• Lead-free packages
• ECOPACK® 2 compliant component
• AEC-Q101 qualified

Benefits
• Low capacitance for optimized data integrity
• Low leakage current < 60 nA
• Low PCB space consumption: 0.6 mm2
• High reliability offered by monolithic integration

Applications
Where transient overvoltage protection in ESD sensitive equipment is required, such as:
• Automotive applications
• Computers
• Printers
• Communication systems
• Cellular phone handsets and accessories
• Video equipment




Similar Part No. - ESDALC5-1BT2Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC5-1BT2 STMICROELECTRONICS-ESDALC5-1BT2 Datasheet
205Kb / 14P
Single line low capacitance Transil??for ESD protection
02-Feb-2010
More results


Similar Description - ESDALC5-1BT2Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC6V1-1M2 STMICROELECTRONICS-ESDALC6V1-1M2 Datasheet
147Kb / 10P
Single line low capacitance Transil for ESD protection
26-Nov-2007
ESDALC14V2-1U2 STMICROELECTRONICS-ESDALC14V2-1U2 Datasheet
283Kb / 11P
Single-line low capacitance Transil??for ESD protection
23-Sep-2011
P6KE440ARL STMICROELECTRONICS-P6KE440ARL Datasheet
141Kb / 9P
Transil?? transient voltage surge suppressor (TVS)
26-Apr-2012
P6KE18CARL STMICROELECTRONICS-P6KE18CARL Datasheet
141Kb / 9P
Transil?? transient voltage surge suppressor (TVS)
26-Apr-2012
BZW50-18 STMICROELECTRONICS-BZW50-18 Datasheet
124Kb / 8P
Transil, transient voltage surge suppressor (TVS)
14-Dec-2012
ESDAVLC8-1BU2 STMICROELECTRONICS-ESDAVLC8-1BU2 Datasheet
228Kb / 11P
Single-line low capacitance Transil™, transient surge voltage suppressor (TVS) for bidirectional ESD protection
15-May-2012
P6KE6V8ARL STMICROELECTRONICS-P6KE6V8ARL Datasheet
141Kb / 9P
Transil?? transient voltage surge suppressor (TVS)
26-Apr-2012
BZW50-39BRL STMICROELECTRONICS-BZW50-39BRL Datasheet
124Kb / 8P
Transil?? transient voltage surge suppressor (TVS)
14-Dec-2012
P6KE400ARL STMICROELECTRONICS-P6KE400ARL Datasheet
141Kb / 9P
Transil, transient voltage surge suppressor (TVS)
26-Apr-2012
ESDAXLC6-1BT2Y STMICROELECTRONICS-ESDAXLC6-1BT2Y Datasheet
392Kb / 12P
Automotive single-line extra low capacitance Transil, transient surge voltage suppressor (TVS) for ESD protection
03-Nov-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com