Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C02-DRDW3TG Datasheet (PDF) - STMicroelectronics

M24C02-DRDW3TG Datasheet PDF - STMicroelectronics
Part # M24C02-DRDW3TG
Download  M24C02-DRDW3TG Download
File Size   604.32 Kbytes
Page   39 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 2-Kbit serial I²C bus EEPROM with 1 MHz clock

M24C02-DRDW3TG Datasheet (PDF)

Go To PDF Page Download Datasheet
M24C02-DRDW3TG Datasheet PDF - STMicroelectronics

Part # M24C02-DRDW3TG
Download  M24C02-DRDW3TG Click to download

File Size   604.32 Kbytes
Page   39 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 2-Kbit serial I²C bus EEPROM with 1 MHz clock

M24C02-DRDW3TG Datasheet (HTML) - STMicroelectronics


M24C02-DRDW3TG Product details

Features
■ Compatible with all I2C bus modes – 1 MHz – 400 kHz – 100 kHz
■ Memory array – 2 Kbits (256 bytes) of EEPROM – Page size: 16 bytes – Additional Write lockable page (Identification page)
■ Extended temperature and voltage ranges – -40 °C to 125 °C; 1.8 V to 5.5 V
■ Schmitt trigger inputs for noise filtering
■ Short Write cycle time – Byte Write within 4 ms – Page Write within 4 ms
■ Write cycle endurance – 4 million Write cycles at 25 °C – 1.2 million Write cycles at 85 °C – 600 k Write cycles at 125 °C
■ Data retention – 50 years at 125 °C – 100 years at 25 °C
■ ESD Protection (Human Body Model) – 4000 V




Similar Part No. - M24C02-DRDW3TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C02-DRDW8TG STMICROELECTRONICS-M24C02-DRDW8TG Datasheet
1Mb / 41P
2-Kbit serial IC bus EEPROM - 105C operation
February 2015 Rev 1
M24C02-DRDW8TP STMICROELECTRONICS-M24C02-DRDW8TP Datasheet
1Mb / 41P
2-Kbit serial IC bus EEPROM - 105C operation
February 2015 Rev 1
More results


Similar Description - M24C02-DRDW3TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C04-A125 STMICROELECTRONICS-M24C04-A125 Datasheet
604Kb / 39P
Automotive 4-Kbit serial I²C bus EEPROM with 1 MHz clock
January 2015 Rev 4
M24C08-A125 STMICROELECTRONICS-M24C08-A125 Datasheet
605Kb / 39P
Automotive 8-Kbit serial IC bus EEPROM with 1 MHz clock
07-Jan-2015
M24C16-A125 STMICROELECTRONICS-M24C16-A125 Datasheet
589Kb / 37P
Automotive 16-Kbit serial IC bus EEPROM with 1 MHz clock
07-Jan-2015
M24C32-A125 STMICROELECTRONICS-M24C32-A125 Datasheet
604Kb / 40P
Automotive 32-Kbit serial IC bus EEPROM with 1 MHz clock
08-Jan-2015
M24C64-A125 STMICROELECTRONICS-M24C64-A125 Datasheet
608Kb / 40P
Automotive 64-Kbit serial IC bus EEPROM with 1 MHz clock
16-Dec-2014
M24M02-A125 STMICROELECTRONICS-M24M02-A125 Datasheet
568Kb / 38P
Automotive 2-Mbit serial IC bus EEPROM with 1 MHz clock
08-Sep-2015
M24128-A125 STMICROELECTRONICS-M24128-A125 Datasheet
606Kb / 40P
Automotive 128-Kbit serial IC bus EEPROM with 1 MHz clock
16-Dec-2014
M24256-A125 STMICROELECTRONICS-M24256-A125 Datasheet
606Kb / 40P
Automotive 256-Kbit serial I²C bus EEPROM with 1 MHz clock
December 2014 Rev 4
M24512-A125 STMICROELECTRONICS-M24512-A125 Datasheet
607Kb / 40P
Automotive 512-Kbit serial I²C bus EEPROM with 1 MHz clock
December 2014 Rev 5
M24512-W STMICROELECTRONICS-M24512-W_V01 Datasheet
737Kb / 47P
512-Kbit serial I²C bus EEPROM
06-Oct-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com