Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS4141N Datasheet (PDF) - Infineon Technologies AG

BTS4141N Datasheet PDF - Infineon Technologies AG
Part # BTS4141N
Download  BTS4141N Download
File Size   458.39 Kbytes
Page   19 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Smart High-Side Power Switch 1 Channel: 1 x 200m?

BTS4141N Datasheet (PDF)

Go To PDF Page Download Datasheet
BTS4141N Datasheet PDF - Infineon Technologies AG

Part # BTS4141N
Download  BTS4141N Click to download

File Size   458.39 Kbytes
Page   19 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Smart High-Side Power Switch 1 Channel: 1 x 200m?

BTS4141N Datasheet (HTML) - Infineon Technologies AG


BTS4141N Product details

General Description
N channel vertical power MOSFET with charge pump ground referenced CMOS compatible input, monolithically integrated in Smart SIPMOS technology.
Fully protected by embedded protection functions.

Features
• Short-circuit protection
• Current limitation
• Overload protection
• Overvoltage protection (including load dump)
• Undervoltage shutdown with autorestart and hysteresis
• Switching inductive loads
• Clamp of negative voltage at output with inductive loads
• Thermal shutdown with restart
• ESD - Protection
• Loss of GND and loss of V bb protection
• Reverse battery protection with external resistor
• Improved electromagnetic compatibility (EMC)

Application
• All types of resistive, inductive and capacitive loads
• Current controlled power switch for 12 V and 24 V DC applications
• Replaces electromechanical relays and discrete circuits




Similar Part No. - BTS4141N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS4141N INFINEON-BTS4141N Datasheet
472Kb / 21P
Smart High-Side Power Switch 1 Channel: 1 x 200m?
V1.1, 2009-01-12
BTS4141N INFINEON-BTS4141N_09 Datasheet
472Kb / 21P
Smart High-Side Power Switch 1 Channel: 1 x 200m?
V1.1, 2009-01-12
More results


Similar Description - BTS4141N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS4140N INFINEON-BTS4140N Datasheet
435Kb / 18P
Smart High-Side Power Switch One Channel: 1 x 1?
2004-01-27
BTS4141D INFINEON-BTS4141D Datasheet
461Kb / 19P
Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
BTS4142N INFINEON-BTS4142N Datasheet
458Kb / 19P
Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
ITS4140N INFINEON-ITS4140N Datasheet
1Mb / 18P
Smart High-Side Power Switch for Industrial Applications One channel: 1 x 1 ?
Rev. 2.1, 2006-07-24
BTS4141N INFINEON-BTS4141N_09 Datasheet
472Kb / 21P
Smart High-Side Power Switch 1 Channel: 1 x 200m?
V1.1, 2009-01-12
ITS4141D INFINEON-ITS4141D Datasheet
444Kb / 19P
Smart High-Side Power Switch for Industrial Applications 1 Channel: 1 x 200m廓
2006-03-22
logo
Texas Instruments
TPS1H000-Q1 TI1-TPS1H000-Q1 Datasheet
793Kb / 27P
40-V 1-(ohm) Single-Channel Smart High-Side Switch
logo
Infineon Technologies A...
BTS5200-1ENA INFINEON-BTS5200-1ENA Datasheet
1Mb / 45P
Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTS40K2-1ENC INFINEON-BTS40K2-1ENC Datasheet
1Mb / 40P
Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTT6200-1ENA INFINEON-BTT6200-1ENA Datasheet
1Mb / 46P
Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com