Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS4142N Datasheet (PDF) - Infineon Technologies AG

BTS4142N Datasheet PDF - Infineon Technologies AG
Part # BTS4142N
Download  BTS4142N Download
File Size   458.58 Kbytes
Page   19 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Smart High-Side Power Switch 1 Channel: 1 x 200m?

BTS4142N Datasheet (PDF)

Go To PDF Page Download Datasheet
BTS4142N Datasheet PDF - Infineon Technologies AG

Part # BTS4142N
Download  BTS4142N Click to download

File Size   458.58 Kbytes
Page   19 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Smart High-Side Power Switch 1 Channel: 1 x 200m?

BTS4142N Datasheet (HTML) - Infineon Technologies AG


BTS4142N Product details

General Description
N channel vertical power FET with charge pump, ground referenced CMOS compatible input, monolithically integrated in Smart SIPMOS® technology. Providing embedded protective functions.

Features
• Short circuit protection
• Current limitation
• Overload protection
• Overvoltage protection (including load dump)
• Undervoltage shutdown with autorestart and hysteresis
• Switching inductive loads
• Clamp of negative voltage at output with inductive loads
• CMOS compatible input
• Thermal shutdown with restart
• ESD - Protection
• Loss of GND and loss of Vbb protection
• Very low standby current
• Reverse battery protection with external resistor
• Improved electromagnetic compatibility (EMC)

Application
• All types of resistive, inductive and capacitive loads
• µC compatible power switch for 12 V and 24 V DC applications
• Replaces electromechanical relays and discrete circuits




Similar Part No. - BTS4142N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS4142N INFINEON-BTS4142N Datasheet
383Kb / 20P
Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
Smart High-Side Power Switch
V1.1, 2007-05-29
More results


Similar Description - BTS4142N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS4140N INFINEON-BTS4140N Datasheet
435Kb / 18P
Smart High-Side Power Switch One Channel: 1 x 1?
2004-01-27
BTS4141D INFINEON-BTS4141D Datasheet
461Kb / 19P
Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
BTS4141N INFINEON-BTS4141N Datasheet
458Kb / 19P
Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
ITS4140N INFINEON-ITS4140N Datasheet
1Mb / 18P
Smart High-Side Power Switch for Industrial Applications One channel: 1 x 1 ?
Rev. 2.1, 2006-07-24
BTS4141N INFINEON-BTS4141N_09 Datasheet
472Kb / 21P
Smart High-Side Power Switch 1 Channel: 1 x 200m?
V1.1, 2009-01-12
ITS4141D INFINEON-ITS4141D Datasheet
444Kb / 19P
Smart High-Side Power Switch for Industrial Applications 1 Channel: 1 x 200m廓
2006-03-22
logo
Texas Instruments
TPS1H000-Q1 TI1-TPS1H000-Q1 Datasheet
793Kb / 27P
40-V 1-(ohm) Single-Channel Smart High-Side Switch
logo
Infineon Technologies A...
BTS5200-1ENA INFINEON-BTS5200-1ENA Datasheet
1Mb / 45P
Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTS40K2-1ENC INFINEON-BTS40K2-1ENC Datasheet
1Mb / 40P
Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTT6200-1ENA INFINEON-BTT6200-1ENA Datasheet
1Mb / 46P
Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com