Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C64S-FCU Datasheet (PDF) - STMicroelectronics

M24C64S-FCU Datasheet PDF - STMicroelectronics
Part # M24C64S-FCU
Download  M24C64S-FCU Download
File Size   599.56 Kbytes
Page   35 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 64-Kbit serial IC bus EEPROM 4 balls CSP

M24C64S-FCU Datasheet (PDF)

Go To PDF Page Download Datasheet
M24C64S-FCU Datasheet PDF - STMicroelectronics

Part # M24C64S-FCU
Download  M24C64S-FCU Click to download

File Size   599.56 Kbytes
Page   35 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 64-Kbit serial IC bus EEPROM 4 balls CSP

M24C64S-FCU Datasheet (HTML) - STMicroelectronics


M24C64S-FCU Product details

Features
• Compatible with the 400 kHz I²C protocol
• High speed 1MHz transfer rate
• Memory array:
– 64 Kbit (8 Kbyte) of EEPROM
– Page size: 32 byte
• Supply voltage range:
– 1.7 V to 5.5 V
• Operating temperature range
– VCC = 1.7 V to 5.5V over -40°C / +85°C
– VCC = 1.6 V to 5.5V over 0°C / +85°C
• Write
– Byte Write within 5 ms
– Page Write within 5 ms
• Random and sequential Read modes
• Software Write protect
– Upper quarter memory array
– Upper half memory array
– Upper 3/4 memory array
– Whole memory array
• ESD protection
– Human Body Model: 4 kV
• More than 4 million Write cycles
• More than 200-years data retention
• Package
– WLCSP, RoHS and Halogen free compliant
(ECOPACK2®)




Similar Part No. - M24C64S-FCU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C64 STMICROELECTRONICS-M24C64 Datasheet
149Kb / 19P
64/32 Kbit Serial I²C Bus EEPROM
05-Jan-2005
M24C64 STMICROELECTRONICS-M24C64 Datasheet
394Kb / 26P
64Kbit and 32Kbit Serial I²C Bus EEPROM
05-Jan-2005
M24C64 STMICROELECTRONICS-M24C64 Datasheet
289Kb / 34P
128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
17-Oct-2006
M24C64 STMICROELECTRONICS-M24C64 Datasheet
347Kb / 38P
128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
18-Dec-2007
M24C64 STMICROELECTRONICS-M24C64 Datasheet
334Kb / 39P
128 Kbit, 64 Kbit and 32 Kbit serial I²C bus EEPROM
05-Jan-2009
More results


Similar Description - M24C64S-FCU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C04-RMN6P STMICROELECTRONICS-M24C04-RMN6P Datasheet
628Kb / 34P
4-Kbit serial IC bus EEPROM
12-Sep-2013
M24C16-DFCU STMICROELECTRONICS-M24C16-DFCU Datasheet
563Kb / 35P
16-Kbit serial I²C bus EEPROM 4 balls CSP
Dec - 2014
M24C32M-FCU STMICROELECTRONICS-M24C32M-FCU Datasheet
557Kb / 35P
32-Kbit serial IC bus EEPROM 4 balls CSP
10-Feb-2016
M24C32S-FCU STMICROELECTRONICS-M24C32S-FCU Datasheet
598Kb / 35P
32-Kbit serial IC bus EEPROM 4 balls CSP
14-Oct-2015
M24C32T-FCU STMICROELECTRONICS-M24C32T-FCU Datasheet
599Kb / 36P
32-Kbit serial IC bus EEPROM 4 balls CSP
06-Oct-2015
M24C64M-FCU STMICROELECTRONICS-M24C64M-FCU Datasheet
554Kb / 35P
64-Kbit serial IC bus EEPROM 4 balls CSP
03-Feb-2016
M24C64T-FCU STMICROELECTRONICS-M24C64T-FCU Datasheet
598Kb / 36P
64-Kbit serial IC bus EEPROM 4 balls CSP
06-Oct-2015
M24128S-FCU STMICROELECTRONICS-M24128S-FCU Datasheet
653Kb / 40P
128-Kbit serial I²C bus EEPROM 4 balls CSP
November 2015 Rev 7
M24128T-FCU STMICROELECTRONICS-M24128T-FCU Datasheet
599Kb / 36P
128-Kbit serial I²C bus EEPROM 4 balls CSP
October 2015 Rev 1
M24C64P-FCU STMICROELECTRONICS-M24C64P-FCU Datasheet
631Kb / 36P
64-Kbit serial I²C bus EEPROM 4 balls CSP
10-Apr-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com