Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C04-RMN6P Datasheet (PDF) - STMicroelectronics

M24C04-RMN6P Datasheet PDF - STMicroelectronics
Part # M24C04-RMN6P
Download  M24C04-RMN6P Download
File Size   628.15 Kbytes
Page   34 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4-Kbit serial IC bus EEPROM

M24C04-RMN6P Datasheet (PDF)

Go To PDF Page Download Datasheet
M24C04-RMN6P Datasheet PDF - STMicroelectronics

Part # M24C04-RMN6P
Download  M24C04-RMN6P Click to download

File Size   628.15 Kbytes
Page   34 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4-Kbit serial IC bus EEPROM

M24C04-RMN6P Datasheet (HTML) - STMicroelectronics


M24C04-RMN6P Product details

Features
• Compatible with all I2C bus modes:
– 400 kHz
– 100 kHz
• Memory array:
– 4 Kbit (512 bytes) of EEPROM
– Page size: 16 bytes
• Single supply voltage:
– M24C04-W: 2.5 V to 5.5 V
– M24C04-R: 1.8 V to 5.5 V
– M24C04-F: 1.7 V to 5.5 V (full temperature
range) and 1.6 V to 1.7 V (limited
temperature range)
• Write:
– Byte Write within 5 ms
– Page Write within 5 ms
• Operating temperature range: from -40 °C up
to +85 °C
• Random and sequential Read modes
• Write protect of the whole memory array
• Enhanced ESD/Latch-Up protection
• More than 4 million Write cycles
• More than 200-year data retention
• Packages:
– RoHS compliant and halogen-free
(ECOPACK®)




Similar Part No. - M24C04-RMN6P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C04-RMN6T STMICROELECTRONICS-M24C04-RMN6T Datasheet
208Kb / 29P
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
17-Mar-2004
M24C04-RMN6T/G STMICROELECTRONICS-M24C04-RMN6T/G Datasheet
208Kb / 29P
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
17-Mar-2004
M24C04-RMN6T/W STMICROELECTRONICS-M24C04-RMN6T/W Datasheet
208Kb / 29P
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
17-Mar-2004
M24C04-RMN6TG STMICROELECTRONICS-M24C04-RMN6TG Datasheet
208Kb / 29P
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
17-Mar-2004
M24C04-RMN6TG/G STMICROELECTRONICS-M24C04-RMN6TG/G Datasheet
208Kb / 29P
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
17-Mar-2004
More results


Similar Description - M24C04-RMN6P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C32-FDW5TP STMICROELECTRONICS-M24C32-FDW5TP Datasheet
581Kb / 42P
32-Kbit serial IC bus EEPROM
02-Sep-2014
M24128-125 STMICROELECTRONICS-M24128-125 Datasheet
290Kb / 29P
Automotive 128-Kbit serial IC bus EEPROM
March 2012 Rev 1
M24512-125 STMICROELECTRONICS-M24512-125 Datasheet
293Kb / 30P
Automotive 512-Kbit serial IC bus EEPROM
13-Mar-2012
M24C04-DRE STMICROELECTRONICS-M24C04-DRE Datasheet
1Mb / 41P
4-Kbit serial IC bus EEPROM - 105C operation
28-Jan-2015
M24C32M-FCU STMICROELECTRONICS-M24C32M-FCU Datasheet
557Kb / 35P
32-Kbit serial IC bus EEPROM 4 balls CSP
10-Feb-2016
M24C32S-FCU STMICROELECTRONICS-M24C32S-FCU Datasheet
598Kb / 35P
32-Kbit serial IC bus EEPROM 4 balls CSP
14-Oct-2015
M24C32T-FCU STMICROELECTRONICS-M24C32T-FCU Datasheet
599Kb / 36P
32-Kbit serial IC bus EEPROM 4 balls CSP
06-Oct-2015
M24C64M-FCU STMICROELECTRONICS-M24C64M-FCU Datasheet
554Kb / 35P
64-Kbit serial IC bus EEPROM 4 balls CSP
03-Feb-2016
M24C64S-FCU STMICROELECTRONICS-M24C64S-FCU Datasheet
599Kb / 35P
64-Kbit serial IC bus EEPROM 4 balls CSP
14-Oct-2015
M24C64T-FCU STMICROELECTRONICS-M24C64T-FCU Datasheet
598Kb / 36P
64-Kbit serial IC bus EEPROM 4 balls CSP
06-Oct-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com