Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS4880R Datasheet (PDF) - Infineon Technologies AG

BTS4880R Datasheet PDF - Infineon Technologies AG
Part # BTS4880R
Download  BTS4880R Download
File Size   356.98 Kbytes
Page   20 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Smart Power High-Side-Switch Eight Channels: 8 x 200 m?

BTS4880R Datasheet (PDF)

Go To PDF Page Download Datasheet
BTS4880R Datasheet PDF - Infineon Technologies AG

Part # BTS4880R
Download  BTS4880R Click to download

File Size   356.98 Kbytes
Page   20 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Smart Power High-Side-Switch Eight Channels: 8 x 200 m?

BTS4880R Datasheet (HTML) - Infineon Technologies AG




Similar Part No. - BTS4880R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS4880R INFINEON-BTS4880R Datasheet
441Kb / 23P
Smart Power High-Side-Switch
Rev. 1.1, 2007-10-18
BTS4880R INFINEON-BTS4880R Datasheet
759Kb / 24P
Smart Power High-Side Switch
Rev. 1.2, 2014-12-15
BTS4880R INFINEON-BTS4880R_07 Datasheet
441Kb / 23P
Smart Power High-Side-Switch
Rev. 1.1, 2007-10-18
BTS4880R INFINEON-BTS4880R_15 Datasheet
759Kb / 24P
Smart Power High-Side Switch
Rev. 1.2, 2014-12-15
More results


Similar Description - BTS4880R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS736L2 INFINEON-BTS736L2 Datasheet
383Kb / 14P
Smart High-Side Power Switch Two Channels: 2 x 40m??Status Feedback
2003-Oct-01
BTS5231GS INFINEON-BTS5231GS Datasheet
669Kb / 28P
Smart High-Side Power Switch PROFET Two Channels, 140 m?
V1.0, Dec. 2005
BTS5235G INFINEON-BTS5235G Datasheet
638Kb / 30P
Smart High-Side Power Switch PROFET Two Channels, 60 m?
V1.0, Dec 2005
BTS5235L INFINEON-BTS5235L Datasheet
640Kb / 30P
Smart High-Side Power Switch PROFET Two Channels, 60 m?
V1.0, Dec 2005
BTS5231-2GS INFINEON-BTS5231-2GS Datasheet
840Kb / 27P
Smart High-Side Power Switch PROFET Two Channels, 140 m 廓
V1.2, Sep 2008
BTS5236-2EKA INFINEON-BTS5236-2EKA Datasheet
978Kb / 27P
Smart High-Side Power Switch PROFET Two Channels, 50 m廓
Rev. 1.0, Nov 2008
BTS5236-2GS INFINEON-BTS5236-2GS Datasheet
750Kb / 27P
Smart High-Side Power Switch PROFET Two Channels, 50 m廓
V 1.1, July 2007
logo
Texas Instruments
TPS4H000-Q1 TI1-TPS4H000-Q1 Datasheet
153Kb / 6P
Quad Channels Smart High-Side Power Switch
TPS2H160-Q1 TI1-TPS2H160-Q1 Datasheet
158Kb / 6P
Dual Channels Smart High-Side Power Switch
TPS2H000-Q1 TI1-TPS2H000-Q1 Datasheet
153Kb / 6P
Dual Channels Smart High-Side Power Switch
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com