Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD4933MR Datasheet (PDF) - STMicroelectronics

SD4933MR Datasheet PDF - STMicroelectronics
Part # SD4933MR
Download  SD4933MR Download
File Size   667.94 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 50 V moisture resistant DMOS transistor for ISM applications

SD4933MR Datasheet (PDF)

Go To PDF Page Download Datasheet
SD4933MR Datasheet PDF - STMicroelectronics

Part # SD4933MR
Download  SD4933MR Click to download

File Size   667.94 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 50 V moisture resistant DMOS transistor for ISM applications

SD4933MR Datasheet (HTML) - STMicroelectronics


SD4933MR Product details

Description
The SD4933MR is an N-channel MOS field-effect RF power transistor. It is intended for use in 50 V ISM applications up to 100 MHz. The SD4933MR benefits from the latest generation of environmentally designed packaging, ruggedized against cyclic high moisture operating and severe storage conditions. M177MR Epoxy sealed 1 3 4 2 1. Drain 2. Source 3. Gate 4. Source 5. Source 5

Features
■ Improved ruggedness V(BR)DSS > 200 V
■ Excellent thermal stability
■ 20:1 all phases load mismatch capability
■ POUT = 300 W min. with 24 dB gain @ 30 MHz
■ In compliance with the 2002/95/EEC European directive
■ Moisture resistant package specifically designed to operate under extreme environments




Similar Part No. - SD4933MR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD4933 STMICROELECTRONICS-SD4933 Datasheet
646Kb / 19P
HF/VHF/UHF RF power N-channel MOSFET
11-Aug-2011
SD4933 STMICROELECTRONICS-SD4933_13 Datasheet
780Kb / 17P
HF/VHF/UHF RF power N-channel MOSFET
01-Jul-2013
More results


Similar Description - SD4933MR

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
29348 RHOPOINT-29348 Datasheet
101Kb / 1P
Micro-capsule moisture resistant platinum
logo
Silonex Inc.
NSL-32SR3 SILONEX-NSL-32SR3 Datasheet
38Kb / 1P
Compact, moisture resistant package
logo
MERITEK ELECTRONICS COR...
AS73 MERITEK-AS73 Datasheet
329Kb / 5P
Special passivation for moisture sensitive applications
logo
Vishay Siliconix
RCWPMR VISHAY-RCWPMR Datasheet
97Kb / 4P
Thick Film Chip Resistors, Industrial, Moisture Resistant
21-Feb-14
logo
API Delevan
NSL-37-004 API-NSL-37-004 Datasheet
109Kb / 1P
Compact, moisture resistant package
NSL-37-034 API-NSL-37-034 Datasheet
109Kb / 1P
Compact, moisture resistant package
logo
ZF Friedrichshafen AG
E72 ZFSWITCHES-E72 Datasheet
2Mb / 2P
Moisture resistant
logo
3M Electronics
314 3M-314 Datasheet
62Kb / 2P
Self-Stripping Moisture Resistant
logo
STMicroelectronics
STAC4932F1MR STMICROELECTRONICS-STAC4932F1MR Datasheet
474Kb / 16P
350 W 50 V HF/VHF DMOS in STAC moisture-resistant flangeless package
17-Apr-2020
logo
Stackpole Electronics, ...
HDM SEI-HDM Datasheet
411Kb / 6P
Moisture Resistant Carbon Film Resistor
10/22/2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com