Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C165H Datasheet (PDF) - Infineon Technologies AG

C165H Datasheet PDF - Infineon Technologies AG
Part # C165H
Download  C165H Download
File Size   6140.0 Kbytes
Page   499 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EMBEDDED C166 WITH USART IOM-2 AND HDLC SUPPORT

C165H Datasheet (PDF)

Go To PDF Page Download Datasheet
C165H Datasheet PDF - Infineon Technologies AG

Part # C165H
Download  C165H Click to download

File Size   6140.0 Kbytes
Page   499 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EMBEDDED C166 WITH USART IOM-2 AND HDLC SUPPORT

C165H Datasheet (HTML) - Infineon Technologies AG


C165H Product details

Overview
C165H is a new low cost member of the Infineon Communication Controller family using low power CMOS technology. The device combines the successful Infineon C166 16-bit full-static core with four independent HDLC controllers, IOM-2 interface and 3-kbyte of Dual-Port on-chip RAM to a Intelligent Terminal Adapter with HDLC support.
C165H adresses all high feature ISDN TA, Intelligent NT or SOHO PBX designs, offering up to 18 MIPS along with legacy peripherals such as USART, SCI and Timers.

C165H provides:
• On-Chip full-static C166 Core supporting a 16- or 8-bit C16x Family System running
up to 36 MHz
• ISDN BRI supporting data rates of 56 kbit/s, 64 kbit/s, 128 kbit/s and 144 kbit/s
• IOM-2/PCM Interface
– Terminal Mode Type Interface to CODEC and S/U Transceiver
– Linecard Mode Type Interface up to 8 IOM-2 channels or 32 PCM channels
– 1536/786 kHz and 1536 kHz...4096 kHz in 512 kHz steps
– Access to two Intercommunication channels (IC1, IC2)
– Access to two MON channels (MON0, MON1)
– Access to two C/I channels (CI0, CI1)
– S/G access support
• Four On-Chip Independent Full-Duplex HDLC Formatters
– 8 independent 8-byte FIFOs for each transmit and receive channel
• USART Interface with AutoBaud Support (1,200 bit/s - 230,400 bit/s)
– AT-Command sensitive AutoBaud Detection




Similar Part No. - C165H

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C165 SIEMENS-C165 Datasheet
720Kb / 49P
C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
logo
Infineon Technologies A...
C165 INFINEON-C165 Datasheet
1Mb / 77P
16-Bit Single-Chip Microcontroller
V2.0, Dec. 2000
logo
Siemens Semiconductor G...
C165 SIEMENS-C165 Datasheet
3Mb / 283P
16-Bit CMOS Single-Chip Microcontrollers
logo
Ledil, Inc.
C16503 LEDIL-C16503 Datasheet
3Mb / 5P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height
C16504 LEDIL-C16504 Datasheet
4Mb / 6P
IESNA Type II Medium beam with excellent back light control
More results


Similar Description - C165H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST5451 STMICROELECTRONICS-ST5451 Datasheet
269Kb / 34P
ISDN HDLC AND GCI CONTROLLER
Mar-2000
logo
Siemens Semiconductor G...
PEF2015 SIEMENS-PEF2015 Datasheet
1Mb / 84P
Mini IOM-2 Controller MICO
logo
Mitel Networks Corporat...
MT8993BC MITEL-MT8993BC Datasheet
2Mb / 36P
Digital Telephone with HDLC
logo
Infineon Technologies A...
C165UTAH INFINEON-C165UTAH Datasheet
7Mb / 539P
EMBEDDED C166 WITH USART IOM-2 AND HDLC SUPPORT
DS 2, Feb. 2001
C161U INFINEON-C161U Datasheet
6Mb / 469P
Embedded C166 with USB, USART and SSC
Version 1.3 April 2001
C161U INFINEON-C161U_02 Datasheet
105Kb / 6P
Embedded C166 with USB, USART and SSC SAF C161U-LF, Version 1.3
2002-07-31
logo
Cypress Semiconductor
CY7C67300 CYPRESS-CY7C67300_13 Datasheet
917Kb / 112P
EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
logo
Axiomtek Co., Ltd.
EBOX620-110-FL AXIOMTEK-EBOX620-110-FL_16 Datasheet
271Kb / 1P
Fanless Embedded System with AMD G-Series APU and Dual Display Support
EBOX620-110-FL AXIOMTEK-EBOX620-110-FL_17 Datasheet
319Kb / 1P
Fanless Embedded System with AMD G-Series APU and Dual Display Support
logo
STMicroelectronics
X-CUBE-IAP-USART STMICROELECTRONICS-X-CUBE-IAP-USART Datasheet
115Kb / 3P
STM32Cube in-application programming using the USART embedded software
05-May-2015
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com