Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEF2015 Datasheet (PDF) - Siemens Semiconductor Group

PEF2015 Datasheet PDF - Siemens Semiconductor Group
Part # PEF2015
Download  PEF2015 Download
File Size   1568.47 Kbytes
Page   84 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Mini IOM-2 Controller MICO

PEF2015 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEF2015 Datasheet PDF - Siemens Semiconductor Group

Part # PEF2015
Download  PEF2015 Click to download

File Size   1568.47 Kbytes
Page   84 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Mini IOM-2 Controller MICO

PEF2015 Datasheet (HTML) - Siemens Semiconductor Group


PEF2015 Product details

Overview
The Mini IOM-2 Controller MICO (PEF 2015) is an interface controller optimized for small line card applications or Intelligent NTs. It is derived from the EPIC core. The MICO supports up to 16 analog subscribers (up to 8 using the SLICOFI) or up to 8 ISDN-BA subscribers.

Features
Functions
• Interface controller between IOM-2 and PCM for up to 8 ISDN-BA or 16 analog subscribers (up to 8 analog subscribers using the SLICOFI)
• B-channel (64 kbit/s) and D-channel (16 kbit/s) switching
• Configurable Interface (1 port)
    - Configurable for IOM-, SLD- and PCM-applications
    - Programmable clock shift
    - Single or double data clock
• PCM interface (1 port)
    - Freely programmable time slot assignment to up to 128 PCM time slots
    - Tristate control signal for external driver
    - Single or double data clock
• C/I-channel Handler with a 9-Byte FIFO
• Buffered Monitor Handler with a 16-Byte FIFO
• 7-bit hardware timer

General
• Siemens/Intel or Motorola type µP interface
• Supply Voltage: 5 V
• Extended temperature range -40°C to +85°C
• P-DSO-28 package




Similar Part No. - PEF2015

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEF2015 INFINEON-PEF2015 Datasheet
1Mb / 84P
ICs for Communications
Version 1.1 12.97
More results


Similar Description - PEF2015

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
C165H INFINEON-C165H Datasheet
5Mb / 499P
EMBEDDED C166 WITH USART IOM-2 AND HDLC SUPPORT
DS 1, April 2001
C165UTAH INFINEON-C165UTAH Datasheet
7Mb / 539P
EMBEDDED C166 WITH USART IOM-2 AND HDLC SUPPORT
DS 2, Feb. 2001
logo
National Semiconductor ...
PC87431C NSC-PC87431C Datasheet
41Kb / 4P
mini-Baseboard Management Controller (mBMC)
logo
List of Unclassifed Man...
5012MINIRGBCONTROLLER ETC2-5012MINIRGBCONTROLLER Datasheet
201Kb / 1P
Mini RGB controller is a strip controller.
logo
Intel Corporation
DC53427HYE INTEL-DC53427HYE Datasheet
3Mb / 4P
2 Mini DisplayPorts
logo
AAEON Technology
AIS-E2-CV1 AAEON-AIS-E2-CV1 Datasheet
247Kb / 2P
Advanced Mini-ITX System Controller
AIS-E2-CV1 AAEON-AIS-E2-CV1 Datasheet
247Kb / 2P
Advanced Mini-ITX System Controller
AIS-E1-H61A AAEON-AIS-E1-H61A_15 Datasheet
925Kb / 2P
Advanced Mini-ITX System Controller
AIS-E2-CV1 AAEON-AIS-E2-CV1_15 Datasheet
247Kb / 2P
Advanced Mini-ITX System Controller
logo
Murrelektronik GmbH
9000-41042-0100600 MURR-9000-41042-0100600 Datasheet
252Kb / 2P
MICO Electronic auxiliary circuit, 2 channels IN: 24VDC OUT: 24V/1-2-4-6ADC
05/14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com