Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEF2015 Datasheet (PDF) - Infineon Technologies AG

PEF2015 Datasheet PDF - Infineon Technologies AG
Part # PEF2015
Download  PEF2015 Download
File Size   1568.47 Kbytes
Page   84 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description ICs for Communications

PEF2015 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEF2015 Datasheet PDF - Infineon Technologies AG

Part # PEF2015
Download  PEF2015 Click to download

File Size   1568.47 Kbytes
Page   84 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description ICs for Communications

PEF2015 Datasheet (HTML) - Infineon Technologies AG


PEF2015 Product details

Overview
The Mini IOM-2 Controller MICO (PEF 2015) is an interface controller optimized for small line card applications or Intelligent NTs. It is derived from the EPIC core. The MICO supports up to 16 analog subscribers (up to 8 using the SLICOFI) or up to 8 ISDN-BA subscribers.

Features
Functions
• Interface controller between IOM-2 and PCM for up to 8 ISDN-BA or 16 analog subscribers (up to 8 analog subscribers using the SLICOFI)
• B-channel (64 kbit/s) and D-channel (16 kbit/s) switching
• Configurable Interface (1 port)
    - Configurable for IOM-, SLD- and PCM-applications
    - Programmable clock shift
    - Single or double data clock
• PCM interface (1 port)
    - Freely programmable time slot assignment to up to 128 PCM time slots
    - Tristate control signal for external driver
    - Single or double data clock
• C/I-channel Handler with a 9-Byte FIFO
• Buffered Monitor Handler with a 16-Byte FIFO
• 7-bit hardware timer

General
• Siemens/Intel or Motorola type µP interface
• Supply Voltage: 5 V
• Extended temperature range -40°C to +85°C
• P-DSO-28 package




Similar Part No. - PEF2015

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PEF2015 SIEMENS-PEF2015 Datasheet
1Mb / 84P
Mini IOM-2 Controller MICO
More results


Similar Description - PEF2015

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB2254 INFINEON-PEB2254 Datasheet
16Kb / 3P
ICs for Communications
10.97
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
ICs for Communications
Version 3.4 01.2000
PEB20324 INFINEON-PEB20324 Datasheet
705Kb / 63P
ICs for Communications
Version 2.2 04.99
PEB20550 INFINEON-PEB20550 Datasheet
1Mb / 407P
ICs for Communications
Versions 1.3 01.96
PEB20560 INFINEON-PEB20560 Datasheet
3Mb / 433P
ICs for Communications
Version 2.1 2003-08
PEB20570 INFINEON-PEB20570 Datasheet
3Mb / 291P
ICs for Communications
Version 2.1 2003-08
PXB4340E INFINEON-PXB4340E Datasheet
2Mb / 185P
ICs for Communications
Version 1.1 04.2000
PXB4360F INFINEON-PXB4360F Datasheet
869Kb / 66P
ICs for Communications
Version 1.10 7.2000
logo
Siemens Semiconductor G...
TUA4306 SIEMENS-TUA4306 Datasheet
309Kb / 33P
ICs for Communications
PMB2333 SIEMENS-PMB2333 Datasheet
1Mb / 69P
ICs for Communications
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com