Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C505 Datasheet (PDF) - Infineon Technologies AG

C505 Datasheet PDF - Infineon Technologies AG
Part # C505
Download  C505 Download
File Size   1224.49 Kbytes
Page   88 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 8-Bit Single-Chip Microcontroller

C505 Datasheet (PDF)

Go To PDF Page Download Datasheet
C505 Datasheet PDF - Infineon Technologies AG

Part # C505
Download  C505 Click to download

File Size   1224.49 Kbytes
Page   88 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 8-Bit Single-Chip Microcontroller

C505 Datasheet (HTML) - Infineon Technologies AG


C505 Product details

Advance Information

Features
• Fully compatible to standard 8051 microcontroller
• Superset of the 8051 architecture with 8 datapointers
• Up to 20 MHz operating frequency
   – 375 ns instruction cycle time @16 MHz
   – 300 ns instruction cycle time @20 MHz (50 % duty cycle)
• On-chip program memory (with optional memory protection)
   – C505(C)(A)-2R : 16K byte on-chip ROM
   – C505A-4R/C505CA-4R: 32K byte on-chip ROM
   – C505A-4E/C505CA-4E: 32K byte on-chip OTP
   – alternatively up to 64k byte external program memory
• 256 byte on-chip RAM
• On-chip XRAM
   – C505/C505C : 256 byte
   – C505A/C505CA : 1K byte
• 32 + 2 digital I/O lines
   – Four 8-bit digital I/O ports
   – One 2-bit digital I/O port (port 4)
   – Port 1 with mixed analog/digital I/O capability
• Three 16-bit timers/counters
   – Timer 0 / 1 (C501 compatible)
   – Timer 2 with 4 channels for 16-bit capture/compare operation
• Full duplex serial interface with programmable baudrate generator (USART)
• Full CAN Module, version 2.0 B compliant (C505C and C505CA only)
   – 256 register/data bytes located in external data memory area
   – 1 MBaud CAN baudrate when operating frequency is equal to or above 8 MHz
   – internal CAN clock prescaler when input frequency is over 10 MHz
• On-chip A/D Converter
   – up to 8 analog inputs
   – C505/C505C : 8-bit resolution
   – C505A/C505CA: 10-bit resolution
• Twelve interrupt sources with four priority levels
• On-chip emulation support logic (Enhanced Hooks Technology TM)
• Programmable 15-bit watchdog timer
• Oscillator watchdog
• Fast power on reset
• Power Saving Modes
   – Slow-down mode
   – Idle mode (can be combined with slow-down mode)
   – Software power-down mode with wake up capability through P3.2/INT0 or P4.1/RXDC pin
• P-MQFP-44 package
• Pin configuration is compatible to C501, C504, C511/C513-family
• Temperature ranges:
   SAB-C505 versions TA = 0 to 70 °C
   SAF-C505 versions TA = -40 to 85°C
   SAH-C505 versions TA = -40 to 110°C
   SAK-C505 versions TA = -40 to 125°C




Similar Part No. - C505

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C505 VECTRON-C505 Datasheet
133Kb / 4P
Typical Applications
logo
Siemens Semiconductor G...
C505 SIEMENS-C505 Datasheet
335Kb / 85P
8-Bit CMOS Microcontroller
C505 SIEMENS-C505 Datasheet
1Mb / 227P
8-Bit CMOS Microcontroller
logo
Vectron International, ...
C505 VECTRON-C505 Datasheet
35Kb / 3P
Standard 4-Pin DIP Package Enable Function
logo
Powerbox
C505 POWERBOX-C505 Datasheet
405Kb / 1P
250 WATTS (AC) DC/D CSINGLE OUTPUT
More results


Similar Description - C505

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
SINGLE CHIP 8 BIT MICROCONTROLLER
logo
NEC
UPD78F9188CT NEC-UPD78F9188CT Datasheet
70Kb / 9P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB8032A SIEMENS-SAB8032A Datasheet
462Kb / 21P
8-Bit Single-Chip Microcontroller
logo
NEC
UPD78C18 NEC-UPD78C18 Datasheet
1Mb / 373P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
XC886 INFINEON-XC886_1 Datasheet
4Mb / 144P
8-Bit Single-Chip Microcontroller
V0.9, Dec. 2006
SAL-XC886CLM INFINEON-SAL-XC886CLM Datasheet
870Kb / 134P
8-Bit Single Chip Microcontroller
V1.0 2010-05
XC835 INFINEON-XC835 Datasheet
1Mb / 56P
8-Bit Single-Chip Microcontroller
V1.2 2011-03
SAK-C505CA-4EMCA INFINEON-SAK-C505CA-4EMCA Datasheet
1Mb / 88P
8-Bit Single-Chip Microcontroller
Dec. 2000
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com