Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLX34 Datasheet (PDF) - Infineon Technologies AG

CLX34 Datasheet PDF - Infineon Technologies AG
Part # CLX34
Download  CLX34 Download
File Size   636.67 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description HiRel X-Band GaAs Power-MESFET

CLX34 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLX34 Datasheet PDF - Infineon Technologies AG

Part # CLX34
Download  CLX34 Click to download

File Size   636.67 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description HiRel X-Band GaAs Power-MESFET

CLX34 Datasheet (HTML) - Infineon Technologies AG


CLX34 Product details

HiRel X-Band GaAs Power-MESFET

• HiRel Discrete and Microwave Semiconductor
• For professional power amplifiers
• For frequencies from 500 MHz to 10 GHz
• Hermetically sealed microwave power package
• Low thermal resistance for high voltage application
• Power added efficiency > 53 %
• Component Under Development, Package Modifications Foreseen




Similar Part No. - CLX34

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CLX30 INFINEON-CLX30 Datasheet
640Kb / 9P
HiRel X-Band GaAs Power-MESFET
September 99
CLX30-00 INFINEON-CLX30-00 Datasheet
640Kb / 9P
HiRel X-Band GaAs Power-MESFET
September 99
CLX30-05 INFINEON-CLX30-05 Datasheet
640Kb / 9P
HiRel X-Band GaAs Power-MESFET
September 99
CLX30-10 INFINEON-CLX30-10 Datasheet
640Kb / 9P
HiRel X-Band GaAs Power-MESFET
September 99
CLX32 INFINEON-CLX32 Datasheet
635Kb / 9P
HiRel X-Band GaAs Power-MESFET
September 99
More results


Similar Description - CLX34

ManufacturerPart #DatasheetDescription
logo
NEC
NEZ1011-2E NEC-NEZ1011-2E Datasheet
81Kb / 12P
2W X, Ku-BAND POWER GaAs MESFET
logo
Infineon Technologies A...
CFY25 INFINEON-CFY25 Datasheet
2Mb / 8P
HiRel X-Band GaAs Low Noise / General Purpose MESFET
CFY27 INFINEON-CFY27 Datasheet
572Kb / 8P
HiRel Ku-Band GaAs General Purpose MESFET
September 99
CLX27 INFINEON-CLX27 Datasheet
635Kb / 9P
HiRel X-Band GaAs Power-MESFET
September 99
CLX30 INFINEON-CLX30 Datasheet
640Kb / 9P
HiRel X-Band GaAs Power-MESFET
September 99
CLX32 INFINEON-CLX32 Datasheet
635Kb / 9P
HiRel X-Band GaAs Power-MESFET
September 99
CLY29 INFINEON-CLY29 Datasheet
673Kb / 9P
HiRel C-Band GaAs Power-MESFET
September 99
CLY32 INFINEON-CLY32 Datasheet
574Kb / 9P
HiRel C-Band GaAs Power-MESFET
September 99
CLY35 INFINEON-CLY35 Datasheet
571Kb / 9P
HiRel C-Band GaAs Power-MESFET
September 99
CLY38 INFINEON-CLY38 Datasheet
581Kb / 9P
HiRel C-Band GaAs Power-MESFET
September 99
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com