Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLY29 Datasheet (PDF) - Infineon Technologies AG

CLY29 Datasheet PDF - Infineon Technologies AG
Part # CLY29
Download  CLY29 Download
File Size   673.21 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description HiRel C-Band GaAs Power-MESFET

CLY29 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLY29 Datasheet PDF - Infineon Technologies AG

Part # CLY29
Download  CLY29 Click to download

File Size   673.21 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description HiRel C-Band GaAs Power-MESFET

CLY29 Datasheet (HTML) - Infineon Technologies AG


CLY29 Product details

HiRelC-Band GaAs Power-MESFET



• HiRelDiscrete and Microwave Semiconductor

• For professional power amplifiers

• For frequencies from 100 MHz to 8 GHz

• Hermetically sealed microwave power package

• Low thermal resistance for high voltage application

• Power added efficiency > 55 %

• eesa Space Qualification Expected 1998 ESA/SCC Detail Spec. No.: 5614/006, Type Variant No.s 04 to 06



 




Similar Part No. - CLY29

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CLY2 SIEMENS-CLY2 Datasheet
51Kb / 7P
GaAs FET (Power amplifier for mobile phones For frequencies up to 3 GHz)
logo
TriQuint Semiconductor
CLY2 TRIQUINT-CLY2_15 Datasheet
109Kb / 8P
High-Power Packaged GaAs FET
More results


Similar Description - CLY29

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CFY27 INFINEON-CFY27 Datasheet
572Kb / 8P
HiRel Ku-Band GaAs General Purpose MESFET
September 99
CLX27 INFINEON-CLX27 Datasheet
635Kb / 9P
HiRel X-Band GaAs Power-MESFET
September 99
CLX30 INFINEON-CLX30 Datasheet
640Kb / 9P
HiRel X-Band GaAs Power-MESFET
September 99
CLX32 INFINEON-CLX32 Datasheet
635Kb / 9P
HiRel X-Band GaAs Power-MESFET
September 99
CLX34 INFINEON-CLX34 Datasheet
636Kb / 9P
HiRel X-Band GaAs Power-MESFET
September 99
CLY32 INFINEON-CLY32 Datasheet
574Kb / 9P
HiRel C-Band GaAs Power-MESFET
September 99
CLY35 INFINEON-CLY35 Datasheet
571Kb / 9P
HiRel C-Band GaAs Power-MESFET
September 99
CLY38 INFINEON-CLY38 Datasheet
581Kb / 9P
HiRel C-Band GaAs Power-MESFET
September 99
logo
NEC
NEZ4450-15BD NEC-NEZ4450-15BD Datasheet
240Kb / 6P
C-BAND POWER GAAS MESFET
logo
California Eastern Labs
NE850R59 CEL-NE850R59 Datasheet
22Kb / 2P
C-BAND MEDIUM POWER GaAs MESFET
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com