Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLY2 Datasheet (PDF) - Siemens Semiconductor Group

CLY2 Datasheet PDF - Siemens Semiconductor Group
Part # CLY2
Download  CLY2 Download
File Size   51.97 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs FET (Power amplifier for mobile phones For frequencies up to 3 GHz)

CLY2 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLY2 Datasheet PDF - Siemens Semiconductor Group

Part # CLY2
Download  CLY2 Click to download

File Size   51.97 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs FET (Power amplifier for mobile phones For frequencies up to 3 GHz)

CLY2 Datasheet (HTML) - Siemens Semiconductor Group


CLY2 Product details

GaAs FET



*Power amplifier for mobile phones

*For frequencies up to 3 GHz

*Operating voltage range: 2 to 6 V

*POUT at VD=3V, f=1.8GHz typ. 23.5 dBm

*High efficiency better 55 %




Similar Part No. - CLY2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CLY29 INFINEON-CLY29 Datasheet
673Kb / 9P
HiRel C-Band GaAs Power-MESFET
September 99
CLY29-00 INFINEON-CLY29-00 Datasheet
673Kb / 9P
HiRel C-Band GaAs Power-MESFET
September 99
CLY29-05 INFINEON-CLY29-05 Datasheet
673Kb / 9P
HiRel C-Band GaAs Power-MESFET
September 99
CLY29-10 INFINEON-CLY29-10 Datasheet
673Kb / 9P
HiRel C-Band GaAs Power-MESFET
September 99
logo
TriQuint Semiconductor
CLY2 TRIQUINT-CLY2_15 Datasheet
109Kb / 8P
High-Power Packaged GaAs FET
More results


Similar Description - CLY2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CLY10 SIEMENS-CLY10 Datasheet
73Kb / 7P
GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
CLY15 SIEMENS-CLY15 Datasheet
59Kb / 7P
GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
CLY5 SIEMENS-CLY5 Datasheet
86Kb / 8P
GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
logo
ams AG
AS3653 AMSCO-AS3653 Datasheet
140Kb / 2P
Power Management Unit for Mobile Phones
logo
Rohm
BD6183GUL ROHM-BD6183GUL Datasheet
560Kb / 35P
System LED Drivers for Mobile Phones
logo
Infineon Technologies A...
BAT6203WE6327 INFINEON-BAT6203WE6327 Datasheet
1Mb / 18P
Low barrier diode for detectors up to GHz frequencies
2011-06-15
BAT62 INFINEON-BAT62_14 Datasheet
1Mb / 19P
Low barrier diode for detectors up to GHz frequencies
2014-02-13
BAT63 INFINEON-BAT63 Datasheet
889Kb / 9P
Low barrier diode for detectors up to GHz frequencies
2011-06-15
logo
STMicroelectronics
ST50V10100 STMICROELECTRONICS-ST50V10100 Datasheet
325Kb / 7P
RF Power LDMOS transistor for frequencies up to 1.5 GHz
22-Mar-2019
ST50V10200 STMICROELECTRONICS-ST50V10200 Datasheet
326Kb / 8P
RF power LDMOS transistor for frequencies up to 1.5 GHz
22-Mar-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com