Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLY5 Datasheet (PDF) - Siemens Semiconductor Group

CLY5 Datasheet PDF - Siemens Semiconductor Group
Part # CLY5
Download  CLY5 Download
File Size   86.36 Kbytes
Page   8 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)

CLY5 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLY5 Datasheet PDF - Siemens Semiconductor Group

Part # CLY5
Download  CLY5 Click to download

File Size   86.36 Kbytes
Page   8 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)

CLY5 Datasheet (HTML) - Siemens Semiconductor Group


CLY5 Product details

GaAs FET



*Power amplifier for mobile phones

*For frequencies from 400 MHz to 2.5 GHz

*Wide operating voltage range: 2.7 to 6 V

*POUT at VD=3V, f=1.8GHz typ. 26.5 dBm

*High efficiency better 55 %



 




Similar Part No. - CLY5

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
CLY5 TRIQUINT-CLY5 Datasheet
239Kb / 9P
High Power GaAs
CLY5 TRIQUINT-CLY5_15 Datasheet
239Kb / 9P
High Power GaAs
More results


Similar Description - CLY5

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CLY10 SIEMENS-CLY10 Datasheet
73Kb / 7P
GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
CLY15 SIEMENS-CLY15 Datasheet
59Kb / 7P
GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
CLY2 SIEMENS-CLY2 Datasheet
51Kb / 7P
GaAs FET (Power amplifier for mobile phones For frequencies up to 3 GHz)
logo
List of Unclassifed Man...
CFH2162-P5 ETC-CFH2162-P5 Datasheet
157Kb / 2P
2.3 TO 2.5 GHZ 36 DBM POWER GAAS FET
CFK2162-P5 ETC1-CFK2162-P5 Datasheet
64Kb / 4P
2.3 to 2.5 GHz 34 dBm Power GaAs FET
logo
ams AG
AS3653 AMSCO-AS3653 Datasheet
140Kb / 2P
Power Management Unit for Mobile Phones
logo
Mimix Broadband
CFK2062-P5 MIMIX-CFK2062-P5 Datasheet
258Kb / 5P
2.3 to 2.5 GHz 30 dBm Power GaAs FET
CFH2162-P5 MIMIX-CFH2162-P5 Datasheet
540Kb / 3P
2.3 to 2.5 GHz 36 dBm Power GaAs FET
CFK2162-P5 MIMIX-CFK2162-P5 Datasheet
446Kb / 5P
2.3 to 2.5 GHz 34 dBm Power GaAs FET
logo
Analog Devices
HMC1126ACEZ AD-HMC1126ACEZ Datasheet
577Kb / 21P
GaAs, pHEMT, Low Noise Amplifier, 400 MHz to 52 GHz
11/2021-Revision 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com