Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLY10 Datasheet (PDF) - Siemens Semiconductor Group

CLY10 Datasheet PDF - Siemens Semiconductor Group
Part # CLY10
Download  CLY10 Download
File Size   73.75 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)

CLY10 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLY10 Datasheet PDF - Siemens Semiconductor Group

Part # CLY10
Download  CLY10 Click to download

File Size   73.75 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)

CLY10 Datasheet (HTML) - Siemens Semiconductor Group


CLY10 Product details

GaAs FET

Power amplifier for mobile phones
* For frequencies from 400 MHz to 2.5 GHz
* Wide operating voltage range: 2.7 to 6 V
* POUT at VD=3V, f=1.8GHz 28.5 dBm typ.
* High efficiency better 55 %




Similar Part No. - CLY10

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CLY15 SIEMENS-CLY15 Datasheet
59Kb / 7P
GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
More results


Similar Description - CLY10

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CLY15 SIEMENS-CLY15 Datasheet
59Kb / 7P
GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
CLY2 SIEMENS-CLY2 Datasheet
51Kb / 7P
GaAs FET (Power amplifier for mobile phones For frequencies up to 3 GHz)
CLY5 SIEMENS-CLY5 Datasheet
86Kb / 8P
GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
logo
List of Unclassifed Man...
CFH2162-P5 ETC-CFH2162-P5 Datasheet
157Kb / 2P
2.3 TO 2.5 GHZ 36 DBM POWER GAAS FET
CFK2162-P5 ETC1-CFK2162-P5 Datasheet
64Kb / 4P
2.3 to 2.5 GHz 34 dBm Power GaAs FET
logo
ams AG
AS3653 AMSCO-AS3653 Datasheet
140Kb / 2P
Power Management Unit for Mobile Phones
logo
Mimix Broadband
CFK2062-P5 MIMIX-CFK2062-P5 Datasheet
258Kb / 5P
2.3 to 2.5 GHz 30 dBm Power GaAs FET
CFH2162-P5 MIMIX-CFH2162-P5 Datasheet
540Kb / 3P
2.3 to 2.5 GHz 36 dBm Power GaAs FET
CFK2162-P5 MIMIX-CFK2162-P5 Datasheet
446Kb / 5P
2.3 to 2.5 GHz 34 dBm Power GaAs FET
logo
Analog Devices
HMC1126ACEZ AD-HMC1126ACEZ Datasheet
577Kb / 21P
GaAs, pHEMT, Low Noise Amplifier, 400 MHz to 52 GHz
11/2021-Revision 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com