Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST50V10100 Datasheet (PDF) - STMicroelectronics

ST50V10100 Datasheet PDF - STMicroelectronics
Part # ST50V10100
Download  ST50V10100 Download
File Size   325.51 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF Power LDMOS transistor for frequencies up to 1.5 GHz

ST50V10100 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST50V10100 Datasheet PDF - STMicroelectronics

Part # ST50V10100
Download  ST50V10100 Click to download

File Size   325.51 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF Power LDMOS transistor for frequencies up to 1.5 GHz

ST50V10100 Datasheet (HTML) - STMicroelectronics


ST50V10100 Product details

Features
• High efficiency and linear gain operations
• Integrated ESD protection
• Large positive and negative gate/source voltage range
• In compliance with the European Directive 2002/95/EC

Description
The ST50V10100 is a common source N-channel enhancement-mode lateral field
effect RF power transistor designed for broadband commercial, Avionics and
industrial applications at frequencies up to 1.5 GHz. It can be used in class A/AB and
C for all typical modulation formats.

Applications
• Industrial, scientific and medical from HF to 1.5 GHz
• Avionics




Similar Part No. - ST50V10100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST50V10200 STMICROELECTRONICS-ST50V10200 Datasheet
326Kb / 8P
RF power LDMOS transistor for frequencies up to 1.5 GHz
22-Mar-2019
More results


Similar Description - ST50V10100

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR18030EF TRIQUINT-AGR18030EF Datasheet
425Kb / 9P
30 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
AGR18090E TRIQUINT-AGR18090E Datasheet
356Kb / 9P
90 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
AGR18125E TRIQUINT-AGR18125E Datasheet
382Kb / 6P
125 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
logo
STMicroelectronics
RF2L15200CB4 STMICROELECTRONICS-RF2L15200CB4 Datasheet
774Kb / 13P
200 W, 28 V, HF to 1.5 GHz RF power LDMOS transistor
15-Apr-2021
RF4L15400CB4 STMICROELECTRONICS-RF4L15400CB4 Datasheet
1Mb / 13P
400 W, 40 V, 1.2 to 1.5 GHz RF power LDMOS transistor
22-Sep-2021
RF5L15030CB2 STMICROELECTRONICS-RF5L15030CB2 Datasheet
926Kb / 12P
30 W, 50 V, HF to 1.5 GHz RF power LDMOS transistor
RF5L15120CB4 STMICROELECTRONICS-RF5L15120CB4 Datasheet
975Kb / 11P
120 W 50 V RF power LDMOS transistor from HF to 1.5 GHz
ST50V10200 STMICROELECTRONICS-ST50V10200 Datasheet
326Kb / 8P
RF power LDMOS transistor for frequencies up to 1.5 GHz
22-Mar-2019
ST9045C STMICROELECTRONICS-ST9045C Datasheet
320Kb / 13P
RF Power LDMOS transistor HF up to 1.5 GHz
16-Mar-2018
ST9060C STMICROELECTRONICS-ST9060C Datasheet
301Kb / 12P
RF Power LDMOS transistor HF up to 1.5 GHz
30-Mar-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com