Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLY2 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # CLY2
Description  GaAs FET (Power amplifier for mobile phones For frequencies up to 3 GHz)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CLY2 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  CLY2 Datasheet HTML 1Page - Siemens Semiconductor Group CLY2 Datasheet HTML 2Page - Siemens Semiconductor Group CLY2 Datasheet HTML 3Page - Siemens Semiconductor Group CLY2 Datasheet HTML 4Page - Siemens Semiconductor Group CLY2 Datasheet HTML 5Page - Siemens Semiconductor Group CLY2 Datasheet HTML 6Page - Siemens Semiconductor Group CLY2 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
GaAs FET
CLY 2
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 2/77
17.12.96
HL EH PD 21
Electrical characteristics (TA = 25°C , unless otherwise specified)
Characteristics
Symbol
min
typ
max
Unit
Drain-source saturation current
VDS = 3 V VGS = 0 V
IDSS
300
450
650
mA
Drain-source pinch-off current
VDS = 3 V VGS = -3.8 V
ID(p)
-5
50
µA
Gate pinch-off current
VDS = 3 V VGS = -3.8 V
IG(p)
-5
20
µA
Pinch-off Voltage
VDS = 3 V
ID = 50 µA
VGS(p)
-3.8
-2.8
-1.8
V
Small Signal Gain
*)
VDS = 3 V
ID = 180 mA
f = 1.8 GHz
Pin = -5 dBm
G
-
15.5
-
dB
Small Signal Gain
**)
VDS = 3 V
ID = 180 mA
f = 1.8 GHz
Pin = -5 dBm
G
-
14.5
-
dB
Output Power
VDS = 3V
ID = 180 mA f = 1.8 GHz
Pin = 10 dBm
Po
22.5
23.5
dBm
1dB-Compression Point
VDS = 3 V
ID = 180 mA
f = 1.8 GHz
P1dB
-
23.5
-
dBm
1dB-Compression Point
VDS = 5 V
ID = 180 mA
f = 1.8 GHz
P1dB
-
27.0
-
dBm
Power Added Efficiency
VDS = 3V
ID = 180mA
f = 1.8 GHz
Pin = 10 dBm
PAE
-55
-
%
*) Matching conditions for maximum small signal gain ( not identical with power
matching conditions ! )
**) Power matching conditions: f = 1.8 GHz
Source Match:
Γ
ms: MAG = 0.74, ANG 132°; Load Match:
Γ
ml: ;MAG 0.61, ANG -153°



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com