Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF02-01OABRY Datasheet (PDF) - STMicroelectronics

EMIF02-01OABRY Datasheet PDF - STMicroelectronics
Part # EMIF02-01OABRY
Download  EMIF02-01OABRY Download
File Size   282.81 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description IPAD integrated low pass filter with ESD protection for BroadR Reach interface in automotive

EMIF02-01OABRY Datasheet (PDF)

Go To PDF Page Download Datasheet
EMIF02-01OABRY Datasheet PDF - STMicroelectronics

Part # EMIF02-01OABRY
Download  EMIF02-01OABRY Click to download

File Size   282.81 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description IPAD integrated low pass filter with ESD protection for BroadR Reach interface in automotive

EMIF02-01OABRY Datasheet (HTML) - STMicroelectronics


EMIF02-01OABRY Product details

Description
The EMIF02-01OABRY is a highly integrated
solution designed to suppress EMI noise in
BroadR Reach™ interfaces in automotive
applications. This low pass filter includes a 15 kV
ISO10605 protection and is housed in a
3 x 3 mm² wettable flanks QFN.

Features
• Attenuation profile compliant with
BroadR Reach™ requirements from -40 °C to
125 °C
• Return loss (Sdd11) at 60 MHz: -20dB
• Components matching: 1% (between line 1
and 2)
• Package:
– Dimensions: 3.0 x 3.0 mm
– Pitch: 1.1 µm
– Wettable flank QFN
• AEC-Q101 compliant

Complies with the following standards
• IEC 61000-4-2 exceeds level 4 (330 Ω /
150 pF):
– 15 kV (air discharge)
– 15 kV (contact discharge)
• ISO 10605 (330 Ω / 330 pF):
– 15 kV (air discharge)
– 15kV (contact discharge)
• ISO 7637-3:
– Pulse 3a: -150 V
– Pulse 3b: +100 V




Similar Part No. - EMIF02-01OABRY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-02OABRY STMICROELECTRONICS-EMIF02-02OABRY Datasheet
1Mb / 11P
IPAD automotive grade integrated protected low pass filter for BroadR Reach interface
24-Jun-2016
More results


Similar Description - EMIF02-01OABRY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-MIC03M6 STMICROELECTRONICS-EMIF02-MIC03M6 Datasheet
323Kb / 10P
2-line IPAD, EMI filter and ESD protection for microphone
13-Feb-2008
EMIF02-USB02F2 STMICROELECTRONICS-EMIF02-USB02F2 Datasheet
105Kb / 7P
2-line IPAD, EMI filter with ESD protection
28-Apr-2008
EMIF04-EAR02M8 STMICROELECTRONICS-EMIF04-EAR02M8 Datasheet
481Kb / 12P
4-line IPAD??EMI filter and ESD protection for headset
24-Mar-2009
ECMF02-2BF3 STMICROELECTRONICS-ECMF02-2BF3 Datasheet
49Kb / 3P
Dual line IPAD?? common mode filter with ESD protection for high speed serial interface
01-Feb-2012
EMIF02-MIC03M6 STMICROELECTRONICS-EMIF02-MIC03M6_11 Datasheet
330Kb / 11P
2-line IPAD?? EMI filter and ESD protection for microphone
27-May-2011
EMIF02-SPK01M6 STMICROELECTRONICS-EMIF02-SPK01M6 Datasheet
165Kb / 11P
2-line IPAD?? EMI filter and ESD protection for speaker
21-Sep-2009
logo
Keysight Technologies
N6467A KEYSIGHT-N6467A Datasheet
1Mb / 14P
BroadR-Reach Automotive Ethernet
logo
STMicroelectronics
EMIF02-02OABRY STMICROELECTRONICS-EMIF02-02OABRY Datasheet
1Mb / 11P
IPAD automotive grade integrated protected low pass filter for BroadR Reach interface
24-Jun-2016
logo
Broadcom Corporation.
BCM89811 BOARDCOM-BCM89811 Datasheet
112Kb / 1P
BroadR-Reach Single-Port Automotive Ethernet RGMII Transceiver
BCM89810 BOARDCOM-BCM89810 Datasheet
291Kb / 2P
SINGLE-PORT BroadR-Reach™ AUTOMOTIVE ETHERNET TRANSCEIVER
October 6, 2011
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com