Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF02-01OABRY Datasheet(PDF) 2 Page - STMicroelectronics

Part # EMIF02-01OABRY
Description  IPAD integrated low pass filter with ESD protection for BroadR Reach interface in automotive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-01OABRY Datasheet(HTML) 2 Page - STMicroelectronics

  EMIF02-01OABRY Datasheet HTML 1Page - STMicroelectronics EMIF02-01OABRY Datasheet HTML 2Page - STMicroelectronics EMIF02-01OABRY Datasheet HTML 3Page - STMicroelectronics EMIF02-01OABRY Datasheet HTML 4Page - STMicroelectronics EMIF02-01OABRY Datasheet HTML 5Page - STMicroelectronics EMIF02-01OABRY Datasheet HTML 6Page - STMicroelectronics EMIF02-01OABRY Datasheet HTML 7Page - STMicroelectronics EMIF02-01OABRY Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
EMIF02-01OABRY
2/8
DocID028302 Rev 1
1
Characteristics
Figure 2. BroadR Reach application schematic
Table 1. Absolute ratings (Tamb = 25 °C)
Symbol
Parameter and test conditions
Value
Unit
VPP
External pins (pin1 and pin3):
IEC 61000-4-2 (330 Ω / 150 pF)
air discharge
contact discharge
15
15
kV
External pins (pin1 and pin3):
ISO 10605 (330 Ω / 330 pF)
air discharge
contact discharge
15
15
VPP
Transceiver side pins: HBM (pin4 and pin6)
2
kV
TL
Maximum lead temperature for soldering 10 s
260
°C
Top
Operating junction temperature range
- 40 to + 125
°C
Tstg
Storage temperature range
- 55 to + 150
°C
Table 2. Electrical characteristics (Tamb = 25 °C)
Symbol
Conditions
Min.
Typ.
Max.
Unit
VBR
Internal protection avalanche
6
V
Sdd11
From 10 MHz to 60 MHz, Tj = -40 °C to 125 °C
-20
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com