Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS29831PBF Datasheet (PDF) - International Rectifier

IRS29831PBF Datasheet PDF - International Rectifier
Part # IRS29831PBF
Download  IRS29831PBF Download
File Size   372.05 Kbytes
Page   17 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description LED FLYBACK CONTROL IC

IRS29831PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRS29831PBF Datasheet PDF - International Rectifier

Part # IRS29831PBF
Download  IRS29831PBF Click to download

File Size   372.05 Kbytes
Page   17 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description LED FLYBACK CONTROL IC

IRS29831PBF Datasheet (HTML) - International Rectifier


IRS29831PBF Product details

Description
The IRS29831 is an integrated LED driver control IC and power MOSFET designed to drive Flyback and Buck Boost converter based LED drivers. The IRS29831 includes primary side power regulation allowing a low cost isolated or non-isolated LED driver to be implemented without the need for an opto-isolator for a fixed LED load. The IRS29831 is also compatible with converters that include secondary feedback circuitry. Other features of the IRS29831 include a high voltage startup enabling VCC supply to be derived initially from the high voltage DC bus until the auxiliary Flyback inductor winding takes over for rapid startup. The IRS29831 typically operates in critical conduction (CrCM) with full protection against open and short circuit as well as inductor saturation. The IRS29831 may be used in single stage LED drivers with no DC bus smoothing capacitor enabling high power factor and low THD with minimal component count.

Features
• Flyback LED Driver
• Integrated 700 V MOSFET
• Critical-conduction / Transition mode operation
• Primary constant power control
• Burst mode operation at light load
• Over-current protection
• Micro power startup (150 μA)
• Low quiescent current (2.5 mA)
• Latch immunity and ESD protection
• Open load / Over voltage protection
• Compatible with Triac Dimmers
• High Power Factor / Low THD

Typical Applications
• LED Drivers




Similar Part No. - IRS29831PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS29831 IRF-IRS29831 Datasheet
384Kb / 17P
Primary constant power control
IRS29831 IRF-IRS29831_15 Datasheet
384Kb / 17P
Primary constant power control
More results


Similar Description - IRS29831PBF

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2368 NJRC-NJM2368 Datasheet
312Kb / 8P
SWITCHING REGULATOR CONTROL IC FOR FLYBACK
NJM2369 NJRC-NJM2369 Datasheet
329Kb / 9P
SWITCHING REGULATOR CONTROL IC FOR FLYBACK?
NJU7600 NJRC-NJU7600 Datasheet
110Kb / 9P
PWM control Step-Up / Flyback switching regulator IC
logo
International Rectifier
IRS2980S IRF-IRS2980S Datasheet
339Kb / 18P
LED DRIVER CONTROL IC
IRS2983STRPBF IRF-IRS2983STRPBF Datasheet
502Kb / 17P
LED FLYBACK CONTROL IC
logo
Allegro MicroSystems
A4401KL-T ALLEGRO-A4401KL-T Datasheet
416Kb / 17P
Automotive Quasi-Resonant Flyback Control IC
logo
International Rectifier
IRS2983SPBF IRF-IRS2983SPBF_15 Datasheet
504Kb / 17P
LED FLYBACK CONTROL IC
logo
Shenzhen Tianyuan Semic...
TP9920 TPOWER-TP9920 Datasheet
313Kb / 4P
LED drive control IC
logo
SHENZHEN FUMAN ELECTRON...
TC9306 FUMAN-TC9306 Datasheet
114Kb / 2P
LED flashlight control IC
logo
SHOUDING Shouding Semic...
SD3320 SHOUDING-SD3320 Datasheet
716Kb / 5P
LED drive control IC
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com