Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEF20550 Datasheet (PDF) - Infineon Technologies AG

PEF20550 Datasheet PDF - Infineon Technologies AG
Part # PEF20550
Download  PEF20550 Download
File Size   1964.58 Kbytes
Page   407 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description ICs for Communications

PEF20550 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEF20550 Datasheet PDF - Infineon Technologies AG

Part # PEF20550
Download  PEF20550 Click to download

File Size   1964.58 Kbytes
Page   407 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description ICs for Communications

PEF20550 Datasheet (HTML) - Infineon Technologies AG


PEF20550 Product details

Overview
The PEB 20550 (Extended Line Card Controller) is a highly integrated controller circuit optimized for line card and key system applications. It combines all functional blocks necessary to manage up to 32 digital (ISDN or proprietary) or 64 analog subscribers.
The switching and layer-1 control capability of the EPIC-1 (PEB 2055) constitutes a major functional block of the ELIC.

Features
Switching (EPIC®-1)
• Non-blocking switch for 32 digital (e.g. ISDN) or 64 voice subscribers
    – Bandwidth 16, 32, or 64 kbit/s
    – Two consecutive 64-bit/s channels can be switched as a single 128-kbit/s channel
• Freely programmable time slot assignment for all subscribers
• Synchronous µP-access to two selected channels
• Two types of serial interfaces independently programmable over a wide data range (128 - 8192 kbit/s)
    – PCM-interface
        Tristate control signals for external drivers
        Programmable clock shift
        Single or double data clock
    – Configurable interface
        Configurable for IOM-, SLD- and PCM-applications
        High degree of flexibility for datastream adaption
        Programmable clockshift
        Single or double data clock

Handling of Layer-1 Functions (EPIC®-1)
• Change detection for C/I-channel (IOM-configuration) or feature control (SLD-configuration)
• Additional last-look logic for feature control (SLD-configuration)
• Buffered monitor (IOM-configuration) or signaling channel (SLD-configuration)

Handling of Layer-2 Functions (SACCO)
• Two independent full duplex HDLC-channels
    – Serial interface
        Data rate up to 4 Mbit/s
        Independent time slot assignment for each channel with programmable time slot
        length (1-256 bits)
        Support of bus configuration with collision resolution
        Continuous transmission of 1 to 32 bytes possible
    – Protocol support
        Auto-mode, fully compatible to PEB 2050 (PBC) protocol
        Non-auto mode, address recognition capability
        Transparent mode, HDLC-framing only
        Extended transparent mode, fully transparent without HDLC-framing
    – 64-bytes FIFO’s per HDLC-channel and direction

D-channel Multiplexing (D-channel arbiter)
• Serving of multiple subscribers with one HDLC-controller
• Full duplex signaling protocols (e.g. LAPD or proprietary) supported
• Programmable priority scheme
• Broadcast transmission

Line Card Glue Logic
• Power-up reset generator
• Watchdog timer
• Parallel ports (8-bit input, 4-bit I/O)

Boundary Scan Support
• Fully IEEE 1149.1 compatible
• 32-bit device identification register

Bus Interface
• Siemens/Intel or Motorola type µP-interface
• 8-bit demultiplexed bus interface
• FIFO-access interrupt or DMA controlled




Similar Part No. - PEF20550

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PEF2055 SIEMENS-PEF2055 Datasheet
1Mb / 269P
ICs for Communications
More results


Similar Description - PEF20550

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB2254 INFINEON-PEB2254 Datasheet
16Kb / 3P
ICs for Communications
10.97
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
ICs for Communications
Version 3.4 01.2000
PEB20324 INFINEON-PEB20324 Datasheet
705Kb / 63P
ICs for Communications
Version 2.2 04.99
PEB20560 INFINEON-PEB20560 Datasheet
3Mb / 433P
ICs for Communications
Version 2.1 2003-08
PEB20570 INFINEON-PEB20570 Datasheet
3Mb / 291P
ICs for Communications
Version 2.1 2003-08
PEF2015 INFINEON-PEF2015 Datasheet
1Mb / 84P
ICs for Communications
Version 1.1 12.97
PXB4340E INFINEON-PXB4340E Datasheet
2Mb / 185P
ICs for Communications
Version 1.1 04.2000
PXB4360F INFINEON-PXB4360F Datasheet
869Kb / 66P
ICs for Communications
Version 1.10 7.2000
logo
Siemens Semiconductor G...
TUA4306 SIEMENS-TUA4306 Datasheet
309Kb / 33P
ICs for Communications
PMB2333 SIEMENS-PMB2333 Datasheet
1Mb / 69P
ICs for Communications
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com