Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB20570 Datasheet (PDF) - Infineon Technologies AG

PEB20570 Datasheet PDF - Infineon Technologies AG
Part # PEB20570
Download  PEB20570 Download
File Size   4494.52 Kbytes
Page   308 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description DSP Embedded Line and Port Interface Controller

PEB20570 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEB20570 Datasheet PDF - Infineon Technologies AG

Part # PEB20570
Download  PEB20570 Click to download

File Size   4494.52 Kbytes
Page   308 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description DSP Embedded Line and Port Interface Controller

PEB20570 Datasheet (HTML) - Infineon Technologies AG


PEB20570 Product details

Introduction
The DELIC and VIP chipset realizes multiple ISDN S/T and UPN interfaces together with controller functionality typically needed in PBX or Central Office systems. This functionality comprises voice channel handling, signaling control, layer-1 control, and even signal processing tasks.
Moreover it provides a programmable master/slave clock generator with 2 PLLs, an universal µP interface and a DMA interface.

DELIC-LC Key Features
DELIC-LC is optimized for line card applications:
• One IOM-2000 interface supporting three VIPs i.e. up to 24 ISDN channels
• Two IOM-2 (GCI) ports (configurable as PCM ports) supporting up to 16 ISDN channels or 32 analog subscribers
• Four PCM ports with up to 4 x 2.048 Mbit/s (4 x 32 TS) or 2 x 4.096 Mbit/s or 1 x 8.192 Mbit/s
• Switching matrix 256 x 256 TS (8-bit switching)
• 24 HDLC controllers assignable to any D- or B-channel (at 16 kbit/s or 64 kbit/s)
• Serial communication controller: high-speed signaling channel for 2.048 Mbit/s
• General purpose I/O ports
• Standard multiplexed and de-multiplexed µP interface: Infineon, Intel, Motorola
• Programmable PLL based Master/Slave clock generator, providing all system clocks from a single 16.384 MHz crystal source
• JTAG compliant test interface
• single 3.3 V power supply, 5 V tolerant inputs

DELIC-PB Key Features
    Compared to the DELIC-LC, having a fixed functionality, the DELIC-PB provides a high degree of flexibility (in terms of selected number of ports or channels). Additionally it features computing power for typical DSP-oriented PBX tasks like conferencing, DTMF etc.
    A Microsoft Windows based configuration tool, the Configurator, enables to generate an application specific functionality. Its features are mainly determined by the firmware of the integrated telecom DSP.




Similar Part No. - PEB20570

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20570 INFINEON-PEB20570 Datasheet
3Mb / 291P
ICs for Communications
Version 2.1 2003-08
PEB20570 INFINEON-PEB20570 Datasheet
170Kb / 8P
DSP Embedded Line and Port Interface Controller
2003-08-04
More results


Similar Description - PEB20570

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC5460 STMICROELECTRONICS-STLC5460 Datasheet
377Kb / 54P
LINE CARD INTERFACE CONTROLLER
Feb-1997
logo
Texas Instruments
SMJ320F240 TI-SMJ320F240 Datasheet
1Mb / 99P
DSP CONTROLLER
TMS320C242 TI-TMS320C242 Datasheet
803Kb / 66P
DSP CONTROLLER
logo
Infineon Technologies A...
PEF20570 INFINEON-PEF20570 Datasheet
170Kb / 8P
DSP Embedded Line and Port Interface Controller
2003-08-04
logo
Winbond
WPC8768L WINBOND-WPC8768L Datasheet
164Kb / 5P
Mobile Embedded Controller with SPI??Flash Interface and MCE-Compliant CIR Port
logo
Texas Instruments
TMS320F240 TI-TMS320F240_05 Datasheet
1Mb / 105P
DSP CONTROLLER
TMS320F240 TI-TMS320F240_08 Datasheet
1Mb / 105P
DSP CONTROLLER
SMJ320F240HFPM40 TI-SMJ320F240HFPM40 Datasheet
1Mb / 104P
DSP CONTROLLER
TMS320F240PQG4 TI-TMS320F240PQG4 Datasheet
1Mb / 105P
DSP CONTROLLER
logo
Nuvoton Technology Corp...
WPC8769L NUVOTON-WPC8769L Datasheet
196Kb / 5P
Mobile Embedded Controller with SPITM Flash Interface and MC-Compliant CIR Port
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com