Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5460 Datasheet (PDF) - STMicroelectronics

STLC5460 Datasheet PDF - STMicroelectronics
Part # STLC5460
Download  STLC5460 Download
File Size   377.29 Kbytes
Page   54 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LINE CARD INTERFACE CONTROLLER

STLC5460 Datasheet (PDF)

Go To PDF Page Download Datasheet
STLC5460 Datasheet PDF - STMicroelectronics

Part # STLC5460
Download  STLC5460 Click to download

File Size   377.29 Kbytes
Page   54 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LINE CARD INTERFACE CONTROLLER

STLC5460 Datasheet (HTML) - STMicroelectronics


STLC5460 Product details

DESCRIPTION
The Line Card Interface Controller, STLC5460, is a monolithic switching device for the path control of up to 128 channels of 16, 32, 64 kbps bandwidth. Two consecutive 64 kbps channels may also be handled as a quasi single 128 kbps channel. For these channels, the LCIC performs non-blocking space time switching between two serial interfaces: the system interface (or PCM interface) and the general component interface (GCI).

■ BOARD CONTROLLER FOR UP TO 16 ISDN LINES OR 16 VOICE SUBSCRIBERS.
■ TWO SERIAL INTERFACES :
   -PCM Four bidirectional multiplexes
   -GCI One (or two) at 2 Mb/s.
■ NON BLOCKING SWITCH FOR 128 CHANNELS (16, 32 OR 64 KB/S BANDWIDTH).
■ N CONSECUTIVE 64 kb/s CHANNELS FROM AN INPUT MULTIPLEX CAN BE SWITCHED AS A SINGLE N X 64 kbit/s CHANNEL TO AN OUTPUT MULTIPLEX AT 2048 kb/s.
■ TIME SLOT ASSIGNMENT FREELY PROGRAMMABLE FOR EVERY CONNECTED SUBSCRIBER.
■ PROGRAMMABLE PCM DATA RATES UP TO 8192 kb/s.CONSTANT DATA RATE AT 2 Mb/s ON GCI SIDE.
■ PCM interface :
   - Simple and double clock frequency selectable;.
   - Programmable clock shift
   - Tristate mode control signals for external drivers.
■ GCI interface :
   - Six bits or four bits Command/indicate channel selectable for analog or digital equipment
   - Command/IndicateMonitor channels validated or not
■ Microprocessor access to two selected bidirectional channels of GCI and/or PCM.
■ Multicontrollers for layer 1 functions :
   - C/I protocol controller for up to 16 C/I channels
   - Monitor protocol controller for up to 16 Monitor channels.
■ Standard microprocessor interface with multiplexed address/data bus or separate address data buses.
■ PLCC44 pins PACKAGE




Similar Part No. - STLC5460

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC5464 STMICROELECTRONICS-STLC5464 Datasheet
731Kb / 83P
MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
May-1997
STLC5465B STMICROELECTRONICS-STLC5465B Datasheet
742Kb / 101P
MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
Nov-1999
STLC5466 STMICROELECTRONICS-STLC5466 Datasheet
1Mb / 130P
64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
Nov-1999
More results


Similar Description - STLC5460

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TCA3388 MOTOROLA-TCA3388 Datasheet
274Kb / 16P
TELEPHONE LINE INTERFACE
logo
Dallas Semiconductor
DS2186 DALLAS-DS2186 Datasheet
129Kb / 11P
Transmit Line Interface
DS2187 DALLAS-DS2187 Datasheet
129Kb / 10P
Receive Line Interface
logo
Infineon Technologies A...
PEB20571 INFINEON-PEB20571 Datasheet
4Mb / 308P
DSP Embedded Line and Port Interface Controller
Version 3.1 July 2003
PEF20570 INFINEON-PEF20570 Datasheet
170Kb / 8P
DSP Embedded Line and Port Interface Controller
2003-08-04
logo
List of Unclassifed Man...
T7289A ETC-T7289A Datasheet
976Kb / 17P
DS1 LINE INTERFACE
78P7200 ETC1-78P7200 Datasheet
171Kb / 11P
Line Interface Unit
logo
Rhombus Industries Inc.
T-13206 RHOMBUS-IND-T-13206 Datasheet
96Kb / 1P
LINE INTERFACE TRANSFORMER
6/10/94
logo
XFMRS Inc.
XFCIS3-COMBO4-4S XFMRS-XFCIS3-COMBO4-4S Datasheet
104Kb / 2P
LINE INTERFACE MODULE
logo
Maxim Integrated Produc...
DS2187 MAXIM-DS2187 Datasheet
685Kb / 10P
Receive Line Interface
062101
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com