Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5460 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STLC5460
Description  LINE CARD INTERFACE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5460 Datasheet(HTML) 2 Page - STMicroelectronics

  STLC5460 Datasheet HTML 1Page - STMicroelectronics STLC5460 Datasheet HTML 2Page - STMicroelectronics STLC5460 Datasheet HTML 3Page - STMicroelectronics STLC5460 Datasheet HTML 4Page - STMicroelectronics STLC5460 Datasheet HTML 5Page - STMicroelectronics STLC5460 Datasheet HTML 6Page - STMicroelectronics STLC5460 Datasheet HTML 7Page - STMicroelectronics STLC5460 Datasheet HTML 8Page - STMicroelectronics STLC5460 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
DESCRIPTION
The Line Card Interface Controller, STLC5460, is
a monolithic switching device for the path control
of up to 128 channels of 16, 32, 64 kbps band-
width. Two consecutive 64 kbps channels may
also be handled as a quasi single 128 kbps chan-
nel. For these channels, the LCIC performs non-
blocking space time switching between two serial
interfaces: the system interface (or PCM inter-
face) and the general component interface (GCI).
PCM interface can be programmed to operate at
different data rates between 2048 and 8192 kbps.
The PCM interface consists of up to four duplex
ports with a tristate indication signal for each out-
put line. The GCI interface can be selected to be
PCM interface at 2Mbit/s.
The LCIC can be programmed to communicate
with GCI compatible devices such as STLC3040
(SLIC), STLC5411 (U interface) and others. The
device manages the layer 1 protocol buffering the
Command/Indicate and Monitor channels for GCI
compatible devices.
Due to its capability to switch channels of different
bandwidths, the STLC5460 can handle up to 16
ISDN subscribers with their 2B+D channel struc-
ture in GCI configuration, or up to 16 analog sub-
scribers. Since its interfaces can operate at differ-
ent data rates, the LCIC is an ideal device for
data rate adaptation between PCM interface up to
8Mb/s and GCI at 2Mb/s.
The device gives the possibility of checking the
correct communication inside the PBX or Public
Central Office providing :
- independent PCM delay setting
- PCM comparison function
- Pseudo RandomSequenceGeneratorandAnalyser.
Moreover, the LCIC is one of the key building
blocks for networks with either central, distributed
or mixed signaling and packet data handling ar-
chitectures associated with ST5451 (HDLC con-
troller).
The device is controlled by a standard 8 bit paral-
lel microprocessor interface with a multiplexed
address-data bus. The device may optionally be
controlled by separate address and data buses.
DESTINATION REG
COMMAND REG
SOURCE REGISTER
COMMAND MEMORY
194 WORDS OF 14 BITS
COUNTERS
PARALLEL
SERIAL
SHIFTING
4 PCM
2 GCI
C/I, MON
TRANSMIT
16 INDIPENDENT
CONTROLLERS
SPECIAL
SWITCH AT
16, 32, 64
KB/S
EXTRACTION
2x 64 Kbit
CHANNEL
(ADDRESS)
(DATA)
(DATA)
SWITCHING
MEMORY
194 BYTES
(4PCM+2GCI + 2
CHANNEL -INSERTION- =
128+64+2=194)
COUNTERS
C/I, MON
RECEIVER
INSERTION
2x 64 Kbit
CHANNEL
SERIAL
PARALLEL
SHIFTING
4 PCM
2 GCI
1 bit for 16 tristate
6 bits
D94TL160A
BLOCK DIAGRAM
STLC5460
2/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com