Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5460 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STLC5460
Description  LINE CARD INTERFACE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5460 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STLC5460 Datasheet HTML 23Page - STMicroelectronics STLC5460 Datasheet HTML 24Page - STMicroelectronics STLC5460 Datasheet HTML 25Page - STMicroelectronics STLC5460 Datasheet HTML 26Page - STMicroelectronics STLC5460 Datasheet HTML 27Page - STMicroelectronics STLC5460 Datasheet HTML 28Page - STMicroelectronics STLC5460 Datasheet HTML 29Page - STMicroelectronics STLC5460 Datasheet HTML 30Page - STMicroelectronics STLC5460 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
BUSY
Busy.
The memories cannot be accessed if this bit is at ”1”. In this case, a new access of
three memory access registers [Command Register (CMD); source Register (SRC)
and Destination Register (DST)] will be ignored. If the microprocessor has Twait
cycles (working with DTACK or READY), the test BUSY is not necessary.
PRSR
Pseudo Random Sequence Recovered.
When the PRS analyser is validated, PRS bit is put to ”one” if the synchronization is
performed.
MONR
Monitor Channel Receive.
When this bit is at ”1”, a byte has been received from one or more Monitor channel.
The microprocessor must read the Receive Monitor Status Register (RMS)
MONT
Monitor Channel Transmit.
When this bit is at ”1”, one (or more) channel is transmitting a message and is
ready to transmit a new byte of this message.The microprocessor must read the
Transmit Monitor Status Register (TMS).
When this bit is at ”0”, each channel is IDLE, and is ready to transmit a new message.
CIR
Command/Indicate Receive.
When this bit is at ”1”, a new primitive has been received from one or more
Command/Indicate channel. The microprocessor can read the Receive
Command/Indicate Status Register (RCIS).
EXT
Extract Status.
This bit is put ot ”1” when a new byte has been written in the extract registers A or/
and B, when it is at ”1” the Extract Registers can be read during 120 microseconds
before changing. The bit is reset after the reading of the STATUS Register.
INS
Insert Status.
When this bit is at ”0”, the Insert Register A or/and B can be written during 120
µs
before the next transmission. After the Insert Registers have been written the bit goes
automatically to ”1”, the bit is put at ”0” after the reading of the status register.
INSERTION A REGISTER (INS A)
7
0
IA7
IA6
IA5
IA4
IA3
IA2
IA1
IA0
After Reset 00 (H)
IA 0/7
This register contains the data to insert during the Time Slot (s) of the output
multiplex(es) indicated by the Command Memory. After transferring INS, interrupt is
generated
INSERTION B REGISTER (INS B)
7
0
IB7
IB6
IB5
IB4
IB3
IB2
IB1
IB0
After Reset 00 (H)
IB 0/7
This register contains the data to insert during the Time Slot(s) of the output
multiplex(es) indicated by the Command Memory. After transferring, INS interrupt is
generated.
STLC5460
27/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com