Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5460 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STLC5460
Description  LINE CARD INTERFACE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5460 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STLC5460 Datasheet HTML 33Page - STMicroelectronics STLC5460 Datasheet HTML 34Page - STMicroelectronics STLC5460 Datasheet HTML 35Page - STMicroelectronics STLC5460 Datasheet HTML 36Page - STMicroelectronics STLC5460 Datasheet HTML 37Page - STMicroelectronics STLC5460 Datasheet HTML 38Page - STMicroelectronics STLC5460 Datasheet HTML 39Page - STMicroelectronics STLC5460 Datasheet HTML 40Page - STMicroelectronics STLC5460 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
DCL delivered by
DIN 0/1
FSC delivered by
DOUT 0/1
Bit0, Time Slot 0
the LCIC
the LCIC
Bit7, Time Slot 31
t1
t5
t6
t7 t8
t2
PDC received by
the LCIC
t3
t4
The four Multiplex Configuration Registers are at zero (no delay between FSC and Multiplexes)
CLOCK TIMING
TDM synchronization
Clocks delivered by the LCIC
tx
Parameter
T min.
T typ.
T max.
Unit
t1
Clock Period if 4096KHz
Clock Period if 2048KHz
Id PDC
244
488
Id PDC
ns
ns
t2
Delay between PDC and DCL (30pF)
5
30
ns
t3
Delay between DCL and rising edge FSC (30pF)
30
ns
t4
Delay between DCL and falling edge FSC (30pF)
30
ns
t5
Duration FSC
488
ns
t6
DCL to data 50pF
DCL to data 100pF
50
100
ns
ns
t7
Set up time data/DCL
20
ns
t8
Hold time data/DCL
20
ns
STLC5460
37/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com