Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5460 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STLC5460
Description  LINE CARD INTERFACE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5460 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STLC5460 Datasheet HTML 17Page - STMicroelectronics STLC5460 Datasheet HTML 18Page - STMicroelectronics STLC5460 Datasheet HTML 19Page - STMicroelectronics STLC5460 Datasheet HTML 20Page - STMicroelectronics STLC5460 Datasheet HTML 21Page - STMicroelectronics STLC5460 Datasheet HTML 22Page - STMicroelectronics STLC5460 Datasheet HTML 23Page - STMicroelectronics STLC5460 Datasheet HTML 24Page - STMicroelectronics STLC5460 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
SECOND CASE CM = 0: ACCESS TO AUXILIARY MEMORY
Microprocessor writes Auxiliary Memory to transmit Primitives for each TX C/I channel and to transmit
Bytes of message for each TX MON channel.
Microprocessor reads Auxiliary memory to recover Primitive received by each RX C/I channel and to re-
cover the message received by each RX MON channel.
TX Command Indicate channel - Selected by Destination Register (DST)
CM
CR5
CR4
CR3
CR2
CR1
CR0
R/W
0
-
-
-
-
PT1
PT0
R/W = 1
Read auxiliary memory
After writing this register with R/W=1 and when BUSY(status register) has gone to 0, the
bits of the register have the following meaning:
CR5/CR2
Not used
PT0/1
Primitive trasmitted
PT1
PT0
Status
00
Primitive has not been transmitted yet
01
Primitive has been transmitted once
10
Primitive has been transmitted twice
11
Primitive has been transmitted more than twice.
R/W = 0
Write auxiliary memory.
CR0/CR5
not used
RX Command Indicate channel - Selected by Destination Register (DST)
CM
CR5
CR4
CR3
CR2
CR1
CR0
R/W
0
-
-
-
-
OVR
PR
R/W = 1
Read auxiliary memory
After writing this register with R/W=1 and when BUSY(status register) has gone to 0, the bits of the
register have the following meaning:
CR5/CR2
Not used
OVR
Overrun
OVR = 1. The previous primitive has not been read by the microprocessor.
PR
Primitive Received.
PR = 1. The primitive has been received once
PR = 0. The primitive has been received twice or more.
The primitive is in Source Register.
R/W = 0
Writing auxiliary memory.
CR0/CR5
not used
STLC5460
21/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com