Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5460 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STLC5460
Description  LINE CARD INTERFACE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5460 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STLC5460 Datasheet HTML 19Page - STMicroelectronics STLC5460 Datasheet HTML 20Page - STMicroelectronics STLC5460 Datasheet HTML 21Page - STMicroelectronics STLC5460 Datasheet HTML 22Page - STMicroelectronics STLC5460 Datasheet HTML 23Page - STMicroelectronics STLC5460 Datasheet HTML 24Page - STMicroelectronics STLC5460 Datasheet HTML 25Page - STMicroelectronics STLC5460 Datasheet HTML 26Page - STMicroelectronics STLC5460 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
BYTE
New byte.
Byte = 1 A new byte is available in the Source Register
EOM
End of Message
EOM = 1 : there is no significant byte in the Source Register. The previous byte which
had been received was the last.
R/W = 0
Write auxiliary memory.
Writing initiates the RX Monitor Channel.
CR0/CR5
not used
SOURCE REGISTER (SRC)
When the bit CM of command register is at one, this register contains the data to be written in the control
memory at the address indicated by the destination Register. It rappresents the address of the data
memory, or of one of the insert register, corresponding to the input data to be switched to the output indi-
cated by the destination register.
Following you will find a detailed explanation case by case of the meaning of all the bits of this register.
First case CM = 1 (Bit of Command Register)
Command Memory is selected.
7
0
PCM
SR6
SR5
SR4
SR3
SR2
SR1
SR0
After Reset 00 (H)
PCM = 1
The source is PCM Input.
PCM = 0
The source is not PCM. The Source is either Multiplex Inputs (GCI) or Insert Registers.
PCM = 1
PCM
SR6
SR5
SR4
SR3
SR2
SR1
SR0
1
N1
N0
TS4
TS3
TS2
TS1
TS0
After Reset 00 (H)
If PCM is at 2 Mb/s
N0/1
PCM Number : 0 to 3
TS0/4
Time Slot Number : 0 to 31
If PCM is at 4 Mb/s
N1
PCM at 4 Mb/s : 0 or 1
TS0/4 and N0
Time slot Number : 0 to 63
N0 = TS5
If PCM is at 8 Mb/s
TS0/4 and N0/1
Time Slot Number : 0 to 127.
N0 = TS5, N1 = TS6.
PCM = 0
The Source is Multiplex Input or Insertion Register.
If
N1 = 0
Multiplexes are selected (GCI or not) then
N0 = 0
Multiplex number : 0
STLC5460
23/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com