Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5460 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STLC5460
Description  LINE CARD INTERFACE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5460 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STLC5460 Datasheet HTML 16Page - STMicroelectronics STLC5460 Datasheet HTML 17Page - STMicroelectronics STLC5460 Datasheet HTML 18Page - STMicroelectronics STLC5460 Datasheet HTML 19Page - STMicroelectronics STLC5460 Datasheet HTML 20Page - STMicroelectronics STLC5460 Datasheet HTML 21Page - STMicroelectronics STLC5460 Datasheet HTML 22Page - STMicroelectronics STLC5460 Datasheet HTML 23Page - STMicroelectronics STLC5460 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
FIRST CASE CM = 1: ACCESS TO COMMAND MEMORY
CM
CR5
CR4
CR3
CR2
CR1
CR0
R/W
1
CH1
CH0
SS1
SS0
DS1
DS0
After Reset 00 (H)
R/W
Read/Write
R/W = 0 (Write). The eight bits of Source Register and the six lower bits of this
Command Register are loaded into the Command Memory (14 bits). The Address bits
are given by the Destination Register (8 bits). Write cycle starts when Destination
Register is loaded by the microprocessor.
R/W = 1 (Read).
The 14 bits of Command memory addressed by the Destination Register are loaded
respectively into Command Register (6 bits) and Source Register (8 bits). Read cycle
starts when Destination Register is loaded by the micro-processor.
CH0/1
Channel Data Rate
CH1
CH0
Description
00
The output is at high impedance during the time slot selected
01
16kb/s subchannel is selected
10
32kb/s subchannel is selected
11
64kb/s channel is selected
During the time slot selected, the output is at high impedance for the subchannels not selected.
SS 0/1
Source Subchannel selected.
Data Rate
SS1
SS0
Source channel
16kb/s
0
0
Bits 6-7
0
1
Bits 4-5
1
0
Bits 2-3
1
1
Bits 0-1
32kb/s
0
0
Bits 4 to 5
0
1
Bits 0 to 3
Bit 7 is trasmitted first.
DS 0/1
Destination Subchannel selected.
Data Rate
SS1
SS0
Source channel
16kb/s
0
0
Bits 6-7
0
1
Bits 4-5
1
0
Bits 2-3
1
1
Bits 0-1
32kb/s
0
0
Bits 4 to 5
0
1
Bits 0 to 3
Bit 7 is trasmitted first.
STLC5460
20/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com