Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5460 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STLC5460
Description  LINE CARD INTERFACE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5460 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STLC5460 Datasheet HTML 32Page - STMicroelectronics STLC5460 Datasheet HTML 33Page - STMicroelectronics STLC5460 Datasheet HTML 34Page - STMicroelectronics STLC5460 Datasheet HTML 35Page - STMicroelectronics STLC5460 Datasheet HTML 36Page - STMicroelectronics STLC5460 Datasheet HTML 37Page - STMicroelectronics STLC5460 Datasheet HTML 38Page - STMicroelectronics STLC5460 Datasheet HTML 39Page - STMicroelectronics STLC5460 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
DEL, ISPP and PFSP bits of PCM Configuration Register are at zero (no delay))
7
61
0
5
4
3
Bit3
Bit1
Bit0
Bit7
Bit6
Bit5
Bit4
Time Slot 31
Time Slot 0
PFS
TXD0/3
TDM0/3
FSC delivered
by the circuit
t1
t5h t5l
t3
t4
PDC
TS0/3
t2
RXD0/3
t6
t7 t8
CLOCK TIMING
Synchronization signals delivered by the system
Clocks received by the LCIC
tx
Parameter
T min.
T typ.
T max.
Unit
t1=1/f1
Clock Period if f1 = 16384KHz
Clock Period if f1 = 8192KHz
Clock Period if f1 = 4096KHz
60
120
239
61
122
244
62
124
249
ns
ns
ns
t2
Bit-time if f1 = 16384KHz
Bit-time if f1 = 8192KHz
Bit-time if f1 = 4096KHz
122
244
488
ns
ns
ns
t3
Set up time PFS/PDC
20
t1-20
ns
t4
Hold time PFS/PDC
20
12500-t1
ns
t5
Clock ratio t5h/t5l
75
100
125
%
t6
PDC to data 50pF
PDC to data 100pF
50
100
ns
ns
t7
Set up time data/DCL
20
ns
t8
Hold time data/DCL
20
ns
STLC5460
36/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com