Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5460 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLC5460
Description  LINE CARD INTERFACE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5460 Datasheet(HTML) 4 Page - STMicroelectronics

  STLC5460 Datasheet HTML 1Page - STMicroelectronics STLC5460 Datasheet HTML 2Page - STMicroelectronics STLC5460 Datasheet HTML 3Page - STMicroelectronics STLC5460 Datasheet HTML 4Page - STMicroelectronics STLC5460 Datasheet HTML 5Page - STMicroelectronics STLC5460 Datasheet HTML 6Page - STMicroelectronics STLC5460 Datasheet HTML 7Page - STMicroelectronics STLC5460 Datasheet HTML 8Page - STMicroelectronics STLC5460 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
PIN DEFINITIONS AND FUNCTIONS (continued)
Symbol
Pin n PLCC
Type
Function
AS/ALE
31
I
Multiplexed A/D mode:
used to latch the address from ADn
Non Multiplexed A/D Mode:
This pin at VSS indicates Intel like interfaces
This pin at VDD indicates Motorola like interfaces.
INT
32
OD
Interrupt line, active low.
DCL
33
0
Data clock output.
FSC
34
O
Frame synchronization output.
VDD2
35
I
Power supply : 5V
VSS2
36
I
Ground.
DIN1
37
I
GCI Data input 1
DIN0
38
I
GCI Data input 0
A3
39
I (**)
Non Multiplexed Mode:
this input interfaces to the system’s address bus to select an internal
register for a read or write access.
Multiplexed Mode:
A3 at VDD, DS/NRD signal provided by the system is not inverted by the
circuit
A3 at VSS, DS/NRD signal provided by the system isinverted by the circuit
DOUT0
40
O
GCI Data Output 0
DOUT1
41
O
GCI Data Output 1
PO
42
I (**)
P0 at VSS: variable access mode
P0 at VDD: fixed access mode
NRDY/N
WAIT
43
OD
If P0 at VSS:
Intel like mode: this pin delivers NRDY
Motorola mode: this pin delivers NWAIT
RES
44
I
Reset. A logical high on this input forces the STLC5460 into the reset state
(*): (I) Input
(O) Output
(IO) In/Output
(OD) Open Drain
(**): With Pull up resistance.
DCL
FSC
DOUT0
DIN0
DOUT1
DIN1
MUX0/GCI0
MUX1/GCI1
LCIC
PCM3
PCM0
PCM1
PCM2
PDC
PFS
RxD3
TxD3
TSC3
RxD0
TxD0
TSC0
RxD1
TxD1
TSC1
RxD2
TxD2
TSC2
MICROPROCESSOR INTERFACE
D94TL159A
CLOCKS
Figure 1: GCI and PCM Interfaces.
STLC5460
4/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com