Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5460 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STLC5460
Description  LINE CARD INTERFACE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5460 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STLC5460 Datasheet HTML 21Page - STMicroelectronics STLC5460 Datasheet HTML 22Page - STMicroelectronics STLC5460 Datasheet HTML 23Page - STMicroelectronics STLC5460 Datasheet HTML 24Page - STMicroelectronics STLC5460 Datasheet HTML 25Page - STMicroelectronics STLC5460 Datasheet HTML 26Page - STMicroelectronics STLC5460 Datasheet HTML 27Page - STMicroelectronics STLC5460 Datasheet HTML 28Page - STMicroelectronics STLC5460 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
OVR
Overrun.
When OVR = 1, the previous primitive had not been read by the microprocessor;
the current primitive has been put instead of the previous primitive. The previous primitive has
been lost.
PR
Primitive Received.
PR = 1, the current primitive has been received identical twice or more.
C6 to C1
Primitive received.
DESTINATION REGISTER (DST)
First case CM = 1 (Bit of Command Register). Command Memory is selected.
7
0
PCM
DT6
DT5
DT4
DT3
DT2
DT1
DT0
After Reset 00 (H)
PCM = 1
The destination is PCM output
PCM = 0
The destination is not PCM. The destination is either Multiplex (GCI or not) or Extract
Registers.
PCM = 1
PCM
DT6
DT5
DT4
DT3
DT2
DT1
DT0
1
N1
N0
TS4
TS3
TS2
TS1
TS0
PCM = 1
The destination is PCM output
If PCM are at 2 Mb/s:
N0/1
PCM number: 0 to 3
TS0/4
Time Slot number 0 to 31.
If PCM are at 4 Mb/s
N1
PCM at 4 Mb/s: 0 or 1
TS0/4 and N0
Time Slot number 0 to 63
(N0 = TS5)
If PCM is at 8 Mb/s
TS0/4 and N0/1
Time Slot Number: 0 to 63
N0 = TS5, N1 = TS6.
PCM = 0
The Destination is Multiplex output or Extraxtion Registers.
If
N1 = 0
Multiplexes are selected (GCI or not), then
N0 = 0
Multiplex number: 0
N0 = 1
Multiplex number: 1
TS0/1
Time slot Number: 0 to 31
If
N1 = 1
Extraction Registers are selected, then
N0 = 0 and TS0/4 = 0
A Extraction Register 40 (H) is the destination
N0 = 1 and TS0/4 = 1
B Extraction Register 41 (H) is the destination
STLC5460
25/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com