Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5460 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STLC5460
Description  LINE CARD INTERFACE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5460 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STLC5460 Datasheet HTML 8Page - STMicroelectronics STLC5460 Datasheet HTML 9Page - STMicroelectronics STLC5460 Datasheet HTML 10Page - STMicroelectronics STLC5460 Datasheet HTML 11Page - STMicroelectronics STLC5460 Datasheet HTML 12Page - STMicroelectronics STLC5460 Datasheet HTML 13Page - STMicroelectronics STLC5460 Datasheet HTML 14Page - STMicroelectronics STLC5460 Datasheet HTML 15Page - STMicroelectronics STLC5460 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
CONFIGURATION REGISTER DESCRIPTION
Initialisation and Identification Register (IIR)
7
0
RBS
RST
T1
T0
V3
V2
V1
V0
After Reset 3F (H)
T1/T0 Test functions
T1
T0
Description
0
0
Normal State
0
1
Command Memory or Auxiliary Auto Reset.
If CM = 1 (Bit of Command Register):
the six lower bits of command Register and the eight bits of Source Register are stored
into each address of command Memory.
If CM = 0 (Bit of Command Register) :
the eight bits of Source Register are stored into each address of Monitor Auxililary
Memory and the six lower bits of Source Register are stored intoCommand/Indicate
Auxilliary Memory.
The 16 C/I and Monitor channels are ready to transmit and to receive data.After
AutoReset, BUSY and T0 goes to ”0”.
1
1
Auto Test. This function is reserved for manufacturer.
- The Pseudo Random Sequence generator is connected instead of Insert A Register and
Pseudo Random Sequence Analyzer is connected instead of Extract A Register.
- The Command Memory is loaded thanks to a special algorithm in order to switch the
sequence provided by the generator into TSO of PCMO, then the contents of TSO of
PCMO into TS1 of PCMO, then the contents of TS1 of PCMO into TS2 of PCMO and
so on.
Finally, the contents of TS31 of MUX1 are taken into account by the Pseudo Random
Sequence Analyzer.After loading Command Memory, 193 switching are set up in real
time.The analyzer receives the Pseudo Random Sequence from the generator after
switching.
If LP = 1, the loopback is internal.
If LP = 0, an external loopback must be performed. So, Command Memory and Data
Memory can be checked in the same time.
1
1
Reserved. Initialise CM so that the content of each input Time Slot t of input multiplex m is
switched to output Time Slot t of output multiplex m
RBS
Register Bank Selection.
RBS = 0. The 16 first main registers are selected (0 to 15).
RST
Reset Soft.
the programmable registers are reset.
V3/V0
these bits are fixed at 0
COMPARISON REGISTER (COMP)
7
0
NEWE
TIM
CP6
CP5
CP4
CP3
CP2
CP1
After Reset 00 (H)
NEWE
New EXTRACT.
When NEWE = 1, EXT interrupt is generated only if a new word is loaded into
EXTRACT Registers (A or B).
TIM
Timer, associated to INS of INT Register and to TIMO/1 of CPOF register.
TIM = 1
TIM0/1 bits of CPOF register are taken into account
TIM = 0
an interrupt is generated each 125
µs.
STLC5460
12/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com