Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5460 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STLC5460
Description  LINE CARD INTERFACE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5460 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STLC5460 Datasheet HTML 35Page - STMicroelectronics STLC5460 Datasheet HTML 36Page - STMicroelectronics STLC5460 Datasheet HTML 37Page - STMicroelectronics STLC5460 Datasheet HTML 38Page - STMicroelectronics STLC5460 Datasheet HTML 39Page - STMicroelectronics STLC5460 Datasheet HTML 40Page - STMicroelectronics STLC5460 Datasheet HTML 41Page - STMicroelectronics STLC5460 Datasheet HTML 42Page - STMicroelectronics STLC5460 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
RCM
Subchannel select
01
and data rate
1 of 192 input timeslots
1 of 2 insert registers
1 of 192 output timeslots
1 of 2 extract registers
CMD
SRC
DST
Command Memory
194 words of 14 bits
A
IN
IN
6
88
R=0 Write
CM=1 Command
Memory
APPENDIX
MEMORY ACCESSES
COMMAND MEMORY ACCESSES. CM=1
Write Command Memory:
CMD and SRC registers are written if their bits have not the right value.
CMD and SRC registers can be written in any order.
DST register is always written the last
Read Command Memory in two steps:
First step: register writing
CMD register is written if its bits are not the right value.
SRC register is not written.
DST register is always written the last.
R CM
bits not used
1
1
Register not written
1 of 192 output timeslots
1 of 2 extract register
CMD
SRC
DST
Command Memory
194 words of 14 bits
A
OUT
OUT
R CM
selected channel
1
1
and data rate
1 of 192 input timeslots
1 of 2 insert registers
1 of 192 output timeslots
1 of 2 extract register s
CMD
SRC
DST
8
8
6
2
Second step: register reading:
CMD and SRC registers may be read in any order.
DST register is not changed.
STLC5460
39/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com