Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5460 Datasheet(PDF) 50 Page - STMicroelectronics

Part # STLC5460
Description  LINE CARD INTERFACE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5460 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STLC5460 Datasheet HTML 46Page - STMicroelectronics STLC5460 Datasheet HTML 47Page - STMicroelectronics STLC5460 Datasheet HTML 48Page - STMicroelectronics STLC5460 Datasheet HTML 49Page - STMicroelectronics STLC5460 Datasheet HTML 50Page - STMicroelectronics STLC5460 Datasheet HTML 51Page - STMicroelectronics STLC5460 Datasheet HTML 52Page - STMicroelectronics STLC5460 Datasheet HTML 53Page - STMicroelectronics STLC5460 Datasheet HTML 54Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 50 / 54 page
background image
Ex7: Channel at 16 kbit/s
110 000 11
PCM
2
TS 3
Destination Register
0010 11 01
MUX 1
TS 13
(or
MUX 1
B2 of GCI 3)
Source Register
Command Register
0101 1 0 0
1
RCM CH
SS
DS
The output MUX 1-TS 13 (bits 4-5) receives the contents of the input PCM 2-TS 3 (bits 2-3)
Simple switching (BID=0)
Bidirectional switching (BID=1)
The output MUX 1-TS 13 (bits 4-5) receives the contents of the input PCM 2-TS 3 (bits 2-3)
Ex8: Channel at 16 kbit/s (Insert register)
the output PCM 2-TS 3 (bits 2-3) receives the contents of the input MUX 1-TS 13 (bits 4-5)
AND
Source Register
010
0 0 0 0 0
Insert Register A
Destination Register
00101
101
MUX 1
TS 13
(or
MUX 1
B2 of GCI 3)
Command Register
0101 00 0
1
RCM CH
SS
DS
The output MUX 1-TS 13 (bits 4-5) receives the contents of the Insert Register A bits 6-7.
Simple switching (BID=0)
Bidirectional switching (BID=1)
The output MUX 1-TS 13 (bits 4-5) receives the contents of the Insert Register A bits 6-7 AND
the Extract Register A (bits 6-7) receives the contents of the input MUX 1-TS 13 (bits 4-5).
R Read ; CM Com m an d Mem or y; CH Cha nne l; S S S our ce S u bch a nnel; DS Dest in a t ion Subcha nnel
Figure 8: Bidirectional Switching Channels at 16kbit/s
STLC5460
50/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com