Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5460 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STLC5460
Description  LINE CARD INTERFACE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5460 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STLC5460 Datasheet HTML 20Page - STMicroelectronics STLC5460 Datasheet HTML 21Page - STMicroelectronics STLC5460 Datasheet HTML 22Page - STMicroelectronics STLC5460 Datasheet HTML 23Page - STMicroelectronics STLC5460 Datasheet HTML 24Page - STMicroelectronics STLC5460 Datasheet HTML 25Page - STMicroelectronics STLC5460 Datasheet HTML 26Page - STMicroelectronics STLC5460 Datasheet HTML 27Page - STMicroelectronics STLC5460 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
N0 = 1
Multiplex number : 1
TS0/4
Time Slot Number : 0 to 31
If
N1 = 1
Insertion Registers are selected.
N0 = 0 and TS0/4 = 0. A Insertion Register 40 (H) is the source
N0 = 1 and TS0/4 = 1. B Insertion Register 41(H) is the source .
Second case : CM = 0 (Bit of Command Register)
The auxiliary memory is selected.
If channel is Monitor channel (see Destination Register), the contents of Source Register are data :
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
M8
M7
M6
M5
M4
M3
M2
M1
It is proposed to initialise at FF, before starting normal operation using initialisation register
T1 = 0 and T0 = 1.
M8 will be transmitted first.
If channel selected by DestinationRegister is Command/Indicate channels, the mean of bits of Source
Register are :
- For TX C/I with R/W = 0 Write auxiliary memory.
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
-
-
C6
C5
C4
C3
C2
C1
It is proposed to initialise at FF, before starting normal operation using initialisation register
T1 = 0 and T0 = 1.
C1/C6
Primitive to transmit : C6 and C5 bits are taken into account depending
on CI4M1 and CI4M0 bits of MCONF Register.C6 (or C4) will be
transmitted first.
- For TX C/I with R/W = 1 Read auxiliary memory.
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
PT1
PT0
C6
C5
C4
C3
C2
C1
PT 1/0
Status of Transmitting primitive.
PT1
PT0
Status
00
Primitive has not been transmitted yet
01
Primitive has been transmitted once
10
Primitive has been transmitted twice
11
Primitive has been transmitted more than twice.
C6 to C1
Primitive being transmitted.
For RX C/I with R/W = 0, write auxiliary memory. This Source Register is not taken into account.
For RX C/I with R/W = 1, read auxiliary memory.
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
OVR
PR
C6
C5
C4
C3
C2
C1
STLC5460
24/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com