Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5460 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STLC5460
Description  LINE CARD INTERFACE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5460 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STLC5460 Datasheet HTML 25Page - STMicroelectronics STLC5460 Datasheet HTML 26Page - STMicroelectronics STLC5460 Datasheet HTML 27Page - STMicroelectronics STLC5460 Datasheet HTML 28Page - STMicroelectronics STLC5460 Datasheet HTML 29Page - STMicroelectronics STLC5460 Datasheet HTML 30Page - STMicroelectronics STLC5460 Datasheet HTML 31Page - STMicroelectronics STLC5460 Datasheet HTML 32Page - STMicroelectronics STLC5460 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
MASK REGISTER (MASK)
7
0
MLSYNC
MPDIF
MPRS
MMONR
MMONT
MCIR
MEXT
MINS
After Reset FF (H)
Each interrupt of Interrupt Register can be masked by the mask bit associated if this last is at ”1”.
RECEIVE MONITOR STATUS REGISTER (RMOS)
7
0
EVENT
BYTE
EOM
AB
MO
G2
G1
G0
After Reset 00 (H)
After Reading, Event bit goes to ”0”.
EVENT
EVENT.
EVENT = 1. An event is occurred concerning the RX Monitor Channel identified by
M0, G2, G1, G0.
EVENT = 0. No event occurred concerning the RX Monitor Channels.
BYTE
A new byte is available in Auxiliary Memory. The microprocessor can read this byte
EOM
End of message.
The previous byte which has been taken into account by the microprocessor was the
last of the message.
AB
ABORT.
ABORT = 1. The message received has been aborted by the transmitter.
M0
GCI Multiplex 0 if MO = 0
GCI Multiplex 1 if MO = 1.
G 0/2
GCI channel 0 to 7 for each multiplex.
TRANSMIT MONITOR STATUS REGISTER (TMOS)
7
0
EVENT
BACK
TO
ABT
MO
G2
G1
G0
After Reset 00 (H)
EVENT
EVENT = 1.
An event is occurred concerning the TX Monitor Channel identified by
MO, G2, G1, G0.
EVENT = 0.
No event concerning the TX Monitor Channels.
BACK
Byte acknowledged.
BACK = 1. The current byte transmitted has been acknowledged by the remote
receiver.
NB : when EVENT = 1 and TO = 0 and ABT = 0 and BACK = 0, it means end of
message. A newmessage can be transmitted.
TO
Time Out.
The remote receiver has not acknowledged the byte transmitted during 1millisecond
(the Timer is validated in accordance with TIMD of MultiplexConfiguration 2 Register).
ABT
ABORT.
The byte transmitting has been aborted.
MO
GCI Multiplex 0 if MO = 0
GCI Multiplex 1 if MO = 1.
G 0/2
GCI channel 0 to 7 for each multiplex.
STLC5460
29/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com