Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5460 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STLC5460
Description  LINE CARD INTERFACE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5460 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STLC5460 Datasheet HTML 24Page - STMicroelectronics STLC5460 Datasheet HTML 25Page - STMicroelectronics STLC5460 Datasheet HTML 26Page - STMicroelectronics STLC5460 Datasheet HTML 27Page - STMicroelectronics STLC5460 Datasheet HTML 28Page - STMicroelectronics STLC5460 Datasheet HTML 29Page - STMicroelectronics STLC5460 Datasheet HTML 30Page - STMicroelectronics STLC5460 Datasheet HTML 31Page - STMicroelectronics STLC5460 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
EXTRACTION A REGISTER (EXT A)
7
0
EA7
EA6
EA5
EA4
EA3
EA2
EA1
EA0
After Reset 00 (H)
EA 0/7
This register contains the data extracted during the Time Slot of Input multiplex
indicated by the Command Memory. After loading, EXT interrupt is generated, in
accordance with NEWE bit of Comparison Register
EXTRACTION B REGISTER (EXT B)
7
0
EB7
EB6
EB5
EB4
EB3
EB2
EB1
EB0
After Reset 00 (H)
EB 0/7
This register contains the data extracted during the Time Slot of Input multiplex
indicated by the Command Memory. After loading, EXT interrupt is generated in
accordance with NEWE bit of Comparison Register.
INTERRUPT REGISTER (INT)
7
0
LSYNC
PDIF
PRS
MONR
MONT
CIR
EXT
INS
After Reset 00 (H)
LSYNC
Lost synchronisation.
LSYNC = 0, PFS signal frequency is correct.
LSYN = 1. PFS signal has not occurred when expected,
or if Double clock the number of clock pulses received is odd,
or the data rate of one PCM received is not Modulo 4 bits at 8 Mb/s,
or the data rate of one PCM received is not Modulo 2 bits at 4 Mb/s.
PDIF
PCM different.
PDIF = 1. If one (or more) comparison (validated by the Comparison Register)
between PCM is different.
PRS
Pseudo Random Sequence .
When the PRS analyser is validated (SAV =1), PRS bit is put to ”one” if the
synchronisation is performed or lost (see PRSR bit of Status Register).
MONR
Monitor Channel Receive.
When this bit is at ”1”, a byte has been received from the Monitor Channel defined by
Receive Monitor Status Register (or an event)
MONT
Monitor Channel Transmit.
When this bit is at ”1”, the Monitor Channel (defined by Transmit Monitor Status
Register) acknowledges the last command required by the microprocessor.
CIR
Command Indicate Receive.
When this bit is at ”1”, a new primitive has been received from the Command/Indicate
channel defined by the Receive Command/Indicate Status Register
EXT
Extract
When this bit goes to ”1”, the Extract Register A or/and B can be read during 120
microseconds before changing.
INS
Insert
When this bit goes to ”1”, the content of Insert Register A or/and B has been
transmitted. During 120 microseconds before the next transmission, the
microprocessor can write a new word in accordance with TIM (Bit of CR Register).
STLC5460
28/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com