Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5460 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STLC5460
Description  LINE CARD INTERFACE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5460 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STLC5460 Datasheet HTML 27Page - STMicroelectronics STLC5460 Datasheet HTML 28Page - STMicroelectronics STLC5460 Datasheet HTML 29Page - STMicroelectronics STLC5460 Datasheet HTML 30Page - STMicroelectronics STLC5460 Datasheet HTML 31Page - STMicroelectronics STLC5460 Datasheet HTML 32Page - STMicroelectronics STLC5460 Datasheet HTML 33Page - STMicroelectronics STLC5460 Datasheet HTML 34Page - STMicroelectronics STLC5460 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
connected instead of Insert A Register if DCG = 0, and instead of Insert A and
Insert B Registers if DCG = 1.
When SGV goes to ”1”, the current contents of Command Register (CMD) is taken
into account by the generator. In this case, Command Register means :
7
0
0
0
BCH1
BCH0
0
0
ACH1
ACH0
BCH1/0
Insert B channel 1/0.
If generator transmits sequence instead of Insert B register, the data
rate for this channel is given by BCH1/0
BCH1
BCH0
0
0
8 kb/s
0
1
16 kb/s
1
0
32 kb/s
1
1
64 kb/s
ACH1/0
Insert A channel 1/0
If generator transmits sequence instead of insert A Register, the data rate for this
channel is given by ACH1/0.
ACH1
ACH0
0
0
8 kb/s
0
1
16 kb/s
1
0
32 kb/s
1
1
64 kb/s
If DCG = 1, the data rate of PRS generator is the sum of data rate Insert B
channel and Insert A channel.
If DCG = 0, the data rate of PRS generator is equal to data rate of Insert A channel.
ERROR COUNTER REGISTER (ECR)
7
0
EC7
EC6
EC5
EC4
EC3
EC2
EC1
EC0
After RESET 00 (H).
If the Pseudo Random Sequence Analyser is validated (SAV = 1), this register indicates the number of
errored bits received after the synchronisation of the Pseudo Random Sequence. When Error Counter
Register indicates all ”1”s, the synchronisation is lost. After reading by the microprocessor, ECR is put to
”0”.
STLC5460
31/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com