Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5460 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STLC5460
Description  LINE CARD INTERFACE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5460 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STLC5460 Datasheet HTML 18Page - STMicroelectronics STLC5460 Datasheet HTML 19Page - STMicroelectronics STLC5460 Datasheet HTML 20Page - STMicroelectronics STLC5460 Datasheet HTML 21Page - STMicroelectronics STLC5460 Datasheet HTML 22Page - STMicroelectronics STLC5460 Datasheet HTML 23Page - STMicroelectronics STLC5460 Datasheet HTML 24Page - STMicroelectronics STLC5460 Datasheet HTML 25Page - STMicroelectronics STLC5460 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
TX Monitor Channel selected by Destination Register.
R/W
CM
CR5
CR4
CR3
CR2
CR1
CR0
0
0
-
-
-
LAST
BYTE
INIT
IR/W = 0
Writing auxiliary memory.
CR5/CR3
not used
LAST
Last Byte.
This bit is associated with BYTE.
If LAST = 1, last byte of the message.
If LAST = 0, current byte
BYTE
Byte to transmit.
INIT
When this bit is at 1, the MON channel defined in SRC Register is initialised and the
Monitor Channel is idle (All ”1”s are transmitted)
R/W
CM
CR5
CR4
CR3
CR2
CR1
CR0
1
0
-
T0
ABT
LAST
BYTE
IDLE
R/W = 1
Read auxiliary memory
After writing this register with R/W=1 and when BUSY(status register) has gone to 0, the bits of the
register have the following meaning:
TO
Time Out = one millisecond.
This bit goes to 1 when the remote receiver has not acknowledged the byte after 1
millisecond.
ABT
Abort.
ABT = 1 The remote receiver has aborted the message transmitting.
LAST
Last Byte.
This bit is associated with BYTE.
If LAST = 1, last byte of the message.
If LAST = 0, current byte.
BYTE
BYTE = 1 Byte transmitting.
BYTE = 0 Byte transmitted and acknowledged by the Remote
Receiver, a new byte can be transmitted.
IDLE
IDLE = 1
Monitor channel, A bit, E bit are at ”1”.
RX Monitor channel- Selected by Destination Register
CM
CR5
CR4
CR3
CR2
CR1
CR0
R/W
0
-
-
-
AB
BYTE
EOM
R/W = 1
Read auxiliary memory
After writing this register with R/W=1 and when BUSY(status register) has gone to 0, the bits of the
register have the following meaning:
AB
Abort.
AB = 1 The receiver has detected an error during the transmission.
STLC5460
22/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com