Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5460 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STLC5460
Description  LINE CARD INTERFACE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5460 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STLC5460 Datasheet HTML 6Page - STMicroelectronics STLC5460 Datasheet HTML 7Page - STMicroelectronics STLC5460 Datasheet HTML 8Page - STMicroelectronics STLC5460 Datasheet HTML 9Page - STMicroelectronics STLC5460 Datasheet HTML 10Page - STMicroelectronics STLC5460 Datasheet HTML 11Page - STMicroelectronics STLC5460 Datasheet HTML 12Page - STMicroelectronics STLC5460 Datasheet HTML 13Page - STMicroelectronics STLC5460 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
The microprocessor interface type is set via P0
pin as shown hereafter :
P1 is an outputand it is not used if P0 = 1.
The device selects automatically either Motorola
interface or Intel Interface.
P0
P1
Automatical selection
1
Z
Intel MUX mode
Motorola MUX mode
Intel DEMUX mode
Motorola DEMUX mode
0
If A0 = 1
P1 pin delivers WAIT automatically
If A0 = 0
P1 pin delivers READY automatically
Moreover, for a multiplexed mode
µP interface,
A1 to A3 pins mean :
A1 = 1: CS signal provided by the system is not
inverted by the device
A1 = 0: CS signal provided by the system is in-
verted by the device
A2 = 1: AS signal provided by the system is not
inverted by the device
A2 = 0: AS signal provided by the system is in-
verted by the device
A3 = 1: DS signal provided by the system is not
inverted by the device
A3 = 0: DS signal provided by the system is in-
verted by the device.
C/I AND MON CHANNELS, EXTRA CHANNELS
The Command/indicate and Monitor channels can
be validated or not:
if validated, the C/I and MON protocol controllers
operate and it is not possible to use this channels
for switching, if not validated the protocols are in-
hibited and the channels can be used as ex-
trachannels for switching.
Command/Indicate Protocol
Sixteen C/I channels are implemented, one bit of
the configuration register MCONF1, indicates the
number of bits of the primitive (four or six bits) for
all the channels.
To transmit a primitive into one of the 16 chan-
nels, the mp loads the primitive (4 or 6 bits) into
source register and the number of the C/I chan-
nel into destination register with W/R bit of com-
mand register at ”0”.
The two more significant bits of the source regis-
ter indicates if the primitive, bit0/5 of the same
register, has not been transmitted yet, transmitted
once, twice or more .
When a new primitive has been received twice
identical, on one of the 16 C/I channels, an inter-
rupt is generated, the number of the C/I channel
(4 bits) is written in the Receive C/I status regis-
ter , and the primitive received is in the Auxiliary
Memory, all accessible to the
µp
Moreover, the microprocessor can read directly
the 16 primitives that have been received and
stored into the Receive C/I Memory. To read this
memory the
µp load in the Source Register the
number of Receive C/I channel it wants, and in
the destination register reads the primitive (4 or 6
bits) with a seventh bit which indicates whether
the primitive has been received once or twice
identical. vedi figura read aux mem Receive C/I
channels.
Monitor Channel Protocol
Sixteen Monitor channels are implemented. To
transmit a message the
µp load into destination
register with W/R bit of Command Register at 1
the number of MON channels, and into source
register the message; this byte is transmitted if
BYTE Bit of Command Register is at 1.
This procedure is repeated for each byte of the
message if it is longer than one byte.
When a new byte has been received twice identi-
cal from one of the sixteen Monitor channels
an interrupt is generated, the number of MON
channel (4 bits) is written in Receive Monitor
Status Register and the last byte received is writ-
ten in Receive data Monitor Channel Memory.
The remote transmitter will transmit the next byte
after reading of this register by the local micro-
processor.
INSERTION - EXTRACTION
This function allows to insert data into GCI and
PCM channels and to extract data from GCI and
PCM interface. These data are provided either by
the microprocessor or by an internal Pseudo Ran-
dom Sequence Generator.
Insertion
Two programmable registers (Insert A and B)
contain the data to insert into two output time
slots continuously. To perform an insertion, four
registers are programmed by the microprocessor:
- in the Insert A and/or B Registers it writes the
data to insert.
- in the Source registers it writes the A and/or B
register address
- in the Destination Register it writes the output
interface, PCM or GCI, and the Time Slot se-
lected.
STLC5460
10/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com