Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5460 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STLC5460
Description  LINE CARD INTERFACE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5460 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STLC5460 Datasheet HTML 34Page - STMicroelectronics STLC5460 Datasheet HTML 35Page - STMicroelectronics STLC5460 Datasheet HTML 36Page - STMicroelectronics STLC5460 Datasheet HTML 37Page - STMicroelectronics STLC5460 Datasheet HTML 38Page - STMicroelectronics STLC5460 Datasheet HTML 39Page - STMicroelectronics STLC5460 Datasheet HTML 40Page - STMicroelectronics STLC5460 Datasheet HTML 41Page - STMicroelectronics STLC5460 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
DC SPECIFICATION
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
VDD
5V Power Supply Voltage
-0.5 to 6.5
V
Input or Output Voltage
-0.5, VDD +0.5
V
Tstg
Storage Temperature
-55, +125
°C
Power Dissipation
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
P
Power Consumption
VDD = 5.25V
105
135
mW
Recommended DC Operating Conditions
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDD
5V Power Supply Voltage
4.75
5.25
mW
Toper
Operating Temperature
-40
+85
°C
Note 1: All the following specifications are valid only within these recommended operating conditions.
TTL Input DC Electrical Characteristics
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIL
Low Level Input Voltage
0.8
V
VIH
High Level Input Voltage
2.0
V
IIL
Low Level Input Current
VI =0V
1
µA
IIH
High Lvel Input
Vi =VDD Max
-1
µA
IIH_PULLUP
High level input current for pullup
Vi = VDD Max
-50
µA
CIN
Input Capacitance (see Note 2)
f = 1MHz @ 0V
2
4
pF
COUT
Output Capacitance
4
pF
CI/O
Bidir I/O Capacitance
4
8
pF
Note 2: Excluding package
CMOS Output DC Electrical Characteristics
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VOL
Low Level Output Voltage
IOL = 4mA
IOL = 2mA
0.5
0.4
V
VOH
High Level Output Voltage
IOH = 4mA
IOH = 4mA
VDD-0.5
VDD-0.4
V
Protection
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VESD
Electrostatic Protection
C = 100pF, R = 1.5k
Ω
2000
V
STLC5460
38/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com