Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5460 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STLC5460
Description  LINE CARD INTERFACE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5460 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STLC5460 Datasheet HTML 11Page - STMicroelectronics STLC5460 Datasheet HTML 12Page - STMicroelectronics STLC5460 Datasheet HTML 13Page - STMicroelectronics STLC5460 Datasheet HTML 14Page - STMicroelectronics STLC5460 Datasheet HTML 15Page - STMicroelectronics STLC5460 Datasheet HTML 16Page - STMicroelectronics STLC5460 Datasheet HTML 17Page - STMicroelectronics STLC5460 Datasheet HTML 18Page - STMicroelectronics STLC5460 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
TS and PCMn
at 4 Mb/s
with n = 0 or 2
TS0
TS1
TS2
TS3
TS30
TS31
TS32
TS62
TS63
TSNB = 1
TS at
2Mb/s
TS0
TS0
TS1
TS1
TS15
TS15
TS16
TS31
TS31
PCM at
2Mb/s
PCMn
PCMn+1
PCMn
PCMn+1
PCMn
PCMn+1
PCMn
PCMn
PCMn+1
TSNB = 0
TS at
2Mb/s
TS0
TS1
TS2
TS3
TS30
TS31
TS0
TS30
TS31
PCM at
2Mb/s
PCMn
PCMn+1
TS and PCM0
at 8 Mb/s
TS0
TS1
TS2
TS3
TS4
TS124
TS32
TS62
TS63
TSNB = 1
TS at
2Mb/s
TS0
TS0
TS0
TS0
TS1
TS31
TS31
TS31
TS31
PCM at
2Mb/s
PCM0
PCM1
PCM2
PCM3
PCM0
PCM0
PCM1
PCM2
PCM3
TS and PCM
at 8Mb/s
TS0 to TS31
TS32 to TS63
TS64 to TS95
TS96 to TS127
TSNB = 0
TS at
2Mb/s
TS0 to TS31
TS0 to TS31
TS0 to TS31
TS0 to TS31
PCM at
2Mb/s
PCM0
PCM1
PCM2
PCM3
COMPLEMENTARY PCM OFFSET REGISTER (CPOF)
7
0
PMD1
PMD0
TIM1
TIM0
OOF1
IOF0
IOF1
IOF0
After Reset 00 (H)
PMD1/0 PCM Mode
PMD1
PMD0
The PCM are at
0
0
2048 kbit/s
0
1
4096 kbit/s
1
0
8192 kbit/s
1
1
Not used.
TIM 1/0 these bits are taken into account only if bit TIM of COMP register is at 1; in this case an inter-
rupt is generated periodically and TIM 1/0 defines the period
TIM1
TIM0
Period
0
0
1ms
0
1
8ms
1
0
64ms
1
1
250ms
OOF1/0
Output Offset 1/0.
These two bits are associated with OOF2/9 ofOPOF Register.
IOF1/0
Input Offset 1/0.
These two bits are associated with IOF2/9 of IPOF Register.
STLC5460
15/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com