Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5460 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STLC5460
Description  LINE CARD INTERFACE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5460 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STLC5460 Datasheet HTML 7Page - STMicroelectronics STLC5460 Datasheet HTML 8Page - STMicroelectronics STLC5460 Datasheet HTML 9Page - STMicroelectronics STLC5460 Datasheet HTML 10Page - STMicroelectronics STLC5460 Datasheet HTML 11Page - STMicroelectronics STLC5460 Datasheet HTML 12Page - STMicroelectronics STLC5460 Datasheet HTML 13Page - STMicroelectronics STLC5460 Datasheet HTML 14Page - STMicroelectronics STLC5460 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
- in the Command Register it writes the indica-
tion if insert into 64 kb/s, 32 kb/s or 16 kb/s
channel.
When the data has been inserted,
status bit
(INS) of status register is put at logical 1 and an
interrupt is generated.
Extraction
Two programmable registers (Extract A and B)
contain the data extracted from two input time
slots. To perform an extraction, three registers
are processed by the microprocessor :
- Extract A and/or B Registers to read the data
extracted.
- The Source register to indicate the input inter-
face, PCM or GCI, and the Time Slot se-
lected.
When the data is loaded in Extract A or Ex-
tract B Register, the bit EXT of STATUS reg-
ister is put at logical 1,and an interrupt is gen-
erated.
LIST OF REGISTER
Name
MUX Mode
Read
Only
DEMUX Mode
AD5 to AD1
(H)
RBS
A3 to A0
RBS
IIR
COMP
MCONF1
MCONF2
PCONF
CPOF
IPOF
OPOF
IPSH1
IPSH2
OPSH1
OPSH2
IPASS
OPASS
IMASS
OMASS
STATUS
ECR
CMR
SRC
DST
INSA
INSB
EXTA
EXTB
INT
MASK
RMOS
TMOS
RCIS
TEST
00000
00001
00010
00011
00100
00101
00110
00111
01000
01001
01010
01011
01100
01101
01110
01111
10001
10010
10011
10100
10101
10110
10111
11000
11001
11010
11011
11100
11101
11110
11111
(00)
(01)
(02)
(03)
(04)
(05)
(06)
(07)
(08)
(09)
(0A)
(0B)
(0C)
(0D)
(0E)
(0F)
(11)
(12)
(13)
(14)
(15)
(16)
(17)
(18)
(19)
(1A)
(1B)
(1C)
(1D)
(1E)
(1F)
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
R
R
R
R
R
R
R
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
X
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
NB in Mux Mode AD7, AD6, AD0 and RDS bits are ignored
STLC5460
11/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com