Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5460 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STLC5460
Description  LINE CARD INTERFACE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5460 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STLC5460 Datasheet HTML 28Page - STMicroelectronics STLC5460 Datasheet HTML 29Page - STMicroelectronics STLC5460 Datasheet HTML 30Page - STMicroelectronics STLC5460 Datasheet HTML 31Page - STMicroelectronics STLC5460 Datasheet HTML 32Page - STMicroelectronics STLC5460 Datasheet HTML 33Page - STMicroelectronics STLC5460 Datasheet HTML 34Page - STMicroelectronics STLC5460 Datasheet HTML 35Page - STMicroelectronics STLC5460 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
MICROPROCESSOR INTERFACE TIMING
tx
Parameter
T min
T max
Unit
t1
Set up time Not Chip Select / DS/NRD
10
ns
t2
Set up time R/W / NWR / DS/NRD
10
ns
t3
Hold time Not Chip Select / DS/NRD
0ns
t4
Hold time R/W / NWR / DS/NRD
0ns
t5
Width AS/ALE
20
ns
t6
Set up time Address / AS/ALE
10
ns
t7
Hold time Address / AS/ALE
10
ns
t8
Data valid after DS/NRD (rising edge) (30 pF)
40
ns
t9
Hold time Data after DS/NRD (falling edge)
0ns
t10
Hold time Data / DS/NRD
10
ns
t11
Set up time Data / DS/NRD
10
ns
t12
Width DS/NRD
30
ns
t13
NRDY/NWAIT delay DS/NRD
30
ns
t14
NRDY/NWAIT delay / Data
0ns
t15
NRDY/NWAIT delay / DS/NRD
NRDY/NWAIT delay / R/W / NWR
30
ns
STLC5460
32/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com