Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5460 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STLC5460
Description  LINE CARD INTERFACE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5460 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STLC5460 Datasheet HTML 26Page - STMicroelectronics STLC5460 Datasheet HTML 27Page - STMicroelectronics STLC5460 Datasheet HTML 28Page - STMicroelectronics STLC5460 Datasheet HTML 29Page - STMicroelectronics STLC5460 Datasheet HTML 30Page - STMicroelectronics STLC5460 Datasheet HTML 31Page - STMicroelectronics STLC5460 Datasheet HTML 32Page - STMicroelectronics STLC5460 Datasheet HTML 33Page - STMicroelectronics STLC5460 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
RECEIVE COMMAND/INDICATE STATUS REGISTER (RCIS)
7
0
EVENT
RRP
OVR
0
MO
G2
G1
G0
After Reset 00 (H)
EVENT
EVENT = 1.
A primitive has been received twice identically. The number of Command/Indicate
channels is give by MO, G2, G1, G0.
RRP
Read Receive Primitive
RRP = 1 the mp has to read the primitive received in order to allow the next on to be
processed.
OVR
OVERRUN
OVR = 1. The previous primitive has not been read by the microprocessor.
MO
If MO = 0, Multiplex 0
if MO = 1, Multiplex 1.
G 0/2
GCI 0 to GCI 7 channel of each multiplex.
TEST REGISTER (TEST)
7
0
FWD
WITG
DCA
SAV
LP
PRSC
DCG
SGV
After Reset 00 (H)
FWD
False Word Detection
FWD = 1, the counter indicates the number of wrong bytes
FWD = 0, the counter indicates the number of wrong bits.
WITG
Word integrity.
WITG = 1. The first bit of the Pseudo Random Sequence (2*11-1) is the firstbit of the
channel (or subchannel) selected in the Time Slot at the beginning of the transmission.
‘
WITG = 0. The first bit of the PRS is transmitted without taking into accountthe place
in the Time Slot.
DCA
Double channel for analyser.
DCA = 1. The analyser receives Pseudo Random Sequence from two channels.
DCA = 0. The analyser receives Pseudo Random Sequence from one channel.
SAV
Sequence Analyser Validation. When this bit goes to ”1”, the Analyser of Pseudo
Random Sequence (2*11-1) is connected instead of Extract A Register i f DCA = 0,
instead of Extract A and Extract B registers if DCA = 1. Then the synchronisation is
researched.
When SAV = 0, the analyser is initiated.
NB : When DCA= 0, Insert B register can be used normally.
LP
Loopback.
When LP = 1, the six data streams going out (PCM 0/3 and MUX 0/1) are respectively
connected instead of data stream coming from the 6 inputs (PCM 0/3 and MUX 0/1).
The loopback is transparent or not, depending on M0D,M1D, P0E, P1E, P2E, P3E
bits of Multiplex and PCM Configuration Registers.
PRSC
Pseudo Random Sequence Corrupted.
When this bit changes from 0 to 1, one PRS bit is corrupted if DCG = 0, two PRS bits
are corrupted if DCG = 1 (one bit in each channel). After transmitting corrupted bit(s),
PRSC changes from ”1” to” 0”.
DCG
Double channel for Generator.
DCG = 1. The generator transmits Pseudo Random Sequence to two channels.
DCG = 0. The generator transmits Pseudo Random Sequence to one channel.
SGV
Sequence Generator Validation.
When this bit goes to ”1”, the generator provides Pseudo Random Binary Sequence
2 * 11-1 in accordance with CCITT Recommendation O.152. The generator is
STLC5460
30/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com